Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL706CRHF Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL706CRHF
Description  Rad-Hard, 5.0V/3.3V 關-Processor Supervisory Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL706CRHF Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL706CRHF Datasheet HTML 2Page - Intersil Corporation ISL706CRHF Datasheet HTML 3Page - Intersil Corporation ISL706CRHF Datasheet HTML 4Page - Intersil Corporation ISL706CRHF Datasheet HTML 5Page - Intersil Corporation ISL706CRHF Datasheet HTML 6Page - Intersil Corporation ISL706CRHF Datasheet HTML 7Page - Intersil Corporation ISL706CRHF Datasheet HTML 8Page - Intersil Corporation ISL706CRHF Datasheet HTML 9Page - Intersil Corporation ISL706CRHF Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ISL705ARH, ISL705BRH, ISL705CRH, ISL706ARH, ISL706BRH, ISL706CRH
6
FN7662.0
September 15, 2011
WATCHDOG SECTION
tWD
Watchdog Time-Out Period
1.00
1.60
2.25
s
tWP
Watchdog Input (WDI) Pulse Width
ISL705ARH/BRH/CRH, VIL =0.4V, VIH = 0.8 x VDD
50
ns
ISL706ARH/BRH/CRH, VIL =0.4V, VIH = 0.8 x VDD
100
ns
VIL
Watchdog Input (WDI) Threshold Voltage
ISL705ARH/BRH/CRH
0.8
V
VIH
ISL705ARH/BRH/CRH
3.5
V
VIL
ISL706ARH/BRH/CRH
0.6
V
VIH
ISL706ARH/BRH/CRH
0.7 x VDD
V
IWDI
Watchdog Input (WDI) Current
ISL705ARH/BRH/CRH, WDI = VDD
100
µA
ISL705ARH/BRH/CRH, WDI = 0V
-100
µA
ISL706ARH/BRH/CRH, WDI = VDD
5
µA
ISL706ARH/BRH/CRH, WDI = 0V
-5
µA
VWDO
Watchdog Output (WDO) Voltage
ISL705ARH/BRH/CRH, ISOURCE = 800µA
VDD - 1.5
V
ISL705ARH/BRH/CRH, ISINK = 1.2mA
0.4
V
ISL706ARH/BRH/CRH, ISOURCE = 500µA
0.8 x VDD
V
ISL706ARH/BRH/CRH, ISINK = 500µA
0.3
V
MANUAL RESET SECTION
IMR
Manual Reset (MR) Pull-up Current
ISL705ARH/BRH/CRH, MR =0V
-500
-100
µA
ISL706ARH/BRH/CRH, MR =0V
-250
-25
µA
tMR
Manual Reset (MR) Pulse Width
ISL705ARH/BRH/CRH
150
ns
ISL706ARH/BRH/CRH
150
ns
VIL
Manual Reset (MR) Input Threshold Voltage
ISL705ARH/BRH/CRH
0.8
V
VIH
2.0
V
VIL
ISL706ARH/BRH/CRH
0.6
V
VIH
0.7 x VDD
V
tMD
Manual Reset (MR) to Reset Out Delay
ISL705ARH/BRH/CRH
100
ns
ISL706ARH/BRH/CRH
100
ns
THRESHOLD DETECTOR SECTION
VPFI
Power Fail Input (PFI) Input Threshold
Voltage
ISL705ARH/BRH/CRH
1.20
1.25
1.30
V
ISL706ARH/BRH/CRH
0.576
0.6
0.624
V
IPFI
Power Fail Input (PFI) Input Current
-10
10
nA
VPFO
Power Fail Output (PFO) Output Voltage
ISL705ARH/BRH/CRH, ISOURCE = 800µA
VDD - 1.5
V
ISL705ARH/BRH/CRH, ISINK = 3.2mA
0.4
V
ISL706ARH/BRH/CRH, ISOURCE = 500µA
0.8 x VDD
V
ISL706ARH/BRH/CRH, ISINK = 1.2mA
0.3
V
tRPFI
PFI Rising Threshold Crossing to PFO Delay ISL705ARH/BRH/CRH
7
15
µs
ISL706ARH/BRH/CRH
11
20
µs
Electrical Specifications Unless otherwise specified VDD = 4.75V to 5.5V for the ISL705ARH/BRH/CRH, VDD = 3.15V to 3.6V for the
ISL706ARH/BRH/CRH TA = -55°C to +125°C. Boldface limits apply over the ambient operating temperature range, -55°C to +125°C. (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 4)
TYP
(Note 5)
MAX
(Note 4) UNITS


Similar Part No. - ISL706CRHF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL706CRHF INTERSIL-ISL706CRHF Datasheet
1Mb / 19P
   Rad-Hard, 5.0V/3.3V 關-Processor Supervisory Circuits
ISL706CRHF/PROTO INTERSIL-ISL706CRHF/PROTO Datasheet
1Mb / 19P
   Rad-Hard, 5.0V/3.3V 關-Processor Supervisory Circuits
More results

Similar Description - ISL706CRHF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL705AEH INTERSIL-ISL705AEH Datasheet
1Mb / 19P
   Rad-Hard, 5.0V/3.3V 關-Processor Supervisory Circuits
ISL705AEHVF INTERSIL-ISL705AEHVF Datasheet
1Mb / 19P
   Rad-Hard, 5.0V/3.3V u-Processor Supervisory Circuits
logo
Texas Instruments
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
logo
Texas Instruments
TPS3820- TI-TPS3820- Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX-Q1 TI-TPS3820-XX-Q1 Datasheet
225Kb / 13P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVR TI1-TPS3820-33DBVR Datasheet
837Kb / 20P
[Old version datasheet]   Processor Supervisory Circuits
TPS3820-33-Q1 TI1-TPS3820-33-Q1 Datasheet
280Kb / 15P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
ATMEL Corporation
AT697E ATMEL-AT697E_14 Datasheet
264Kb / 7P
   Rad-Hard 32-bit SPARC v8 Processor
AT697E ATMEL-AT697E Datasheet
227Kb / 16P
   Rad-Hard 32 bit SPARC V8 Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com