Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL706BRHVX Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL706BRHVX
Description  Rad-Hard, 5.0V/3.3V 關-Processor Supervisory Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL706BRHVX Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL706BRHVX Datasheet HTML 6Page - Intersil Corporation ISL706BRHVX Datasheet HTML 7Page - Intersil Corporation ISL706BRHVX Datasheet HTML 8Page - Intersil Corporation ISL706BRHVX Datasheet HTML 9Page - Intersil Corporation ISL706BRHVX Datasheet HTML 10Page - Intersil Corporation ISL706BRHVX Datasheet HTML 11Page - Intersil Corporation ISL706BRHVX Datasheet HTML 12Page - Intersil Corporation ISL706BRHVX Datasheet HTML 13Page - Intersil Corporation ISL706BRHVX Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ISL705ARH, ISL705BRH, ISL705CRH, ISL706ARH, ISL706BRH, ISL706CRH
10
FN7662.0
September 15, 2011
Functional Overview
The ISL705xRH and ISL706xRH provide the functions needed for
monitoring critical voltages in high reliability applications such as
microprocessor systems. Functions of the these supervisors include
power-on reset control; supply voltage supervisions; power-fail
detection; manual-reset assertion and a watch dog timer. The
integration of all these functions along with their high threshold
accuracy, low power consumption, and radiation tolerance make
these devices ideal for critical supply monitoring.
Reset Output
Reset control has long been a critical aspect of embedded
control design. Microprocessors require a reset signal during
power up to ensure that the system environment is stable before
initialization.
The reset signal provides several benefits:
• It prevents the system microprocessor from starting to operate
with insufficient voltage.
• It prevents the processor from operating prior to stabilization
of the oscillator.
• It ensures that the monitored device is held out of operation
until internal registers are initialized.
• It allows time for an FPGA to perform its self configuration
prior to initialization of the circuit.
On power-up, once VDD reaches 1.2V, RST is guaranteed logic
low. As VDD rises, RST stays low. When VDD rises above the reset
threshold (VRST), an internal timer releases RST after 200ms
(typ). RST pulses low whenever VDD degrades to below VRST (see
Figure 3). If a brownout condition occurs in the middle of a
previously initiated reset pulse, the pulse is lengthened 200ms
(typ).
On power-down, once VDD falls below the reset threshold, RST
stays low and is guaranteed to be low until VDD drops below 1.2V.
The ISL705BRH and ISL706BRH active-high RST output is simply
the complement of the RST output, and is guaranteed to be valid
with VDD down to 1.2V. The ISL705CRH and ISL706CRH
active-low open-drain reset output is functionally identical to RST.
Power Failure Monitor
Besides monitoring VDD for reset control, these devices have a
Power-Failure Monitor feature that supervises an additional
critical voltage on the Power-Fail Input (PFI) pin. For example, the
PFI pin could be used to provide an early power-fail warning,
overvoltage detection or monitor a power supply other than VDD.
PFO goes low whenever PFI is less than VPFI.
The threshold detector can be adjusted using an external resistor
divider network to provide custom voltage monitoring for
voltages greater than VPFI, according to Equation 1 (see
Figure 14).
Manual Reset
The manual reset input (MR) allows designers to add manual
system reset capability via a push button switch (see Figure 15).
The MR input is an active low debounced input which asserts
reset if the MR pin is pulled low to less than VIL for at least
150ns. After MR is released, the reset output remains asserted
for tRST and then released. MR is a TTL/CMOS logic compatible,
so it can be driven by external logic. By connecting WDO to MR,
one can force a watchdog time out to generate a reset pulse.
Watch Dog Timer
The watchdog time circuit checks for coherent program
execution by monitoring the WDI pin. If the processor does not
toggle the watchdog input within tWD (1.0s min), WDO will go
low. As long as reset is asserted or the WDI pin is tri-stated, the
watchdog timer will stay cleared and not count. As soon as reset
is released and WDI is driven high or low, the timer will start
counting. Pulses as short as 50ns can be detected on the
ISL705xRH, on ISL706xRH pulses as short as 100ns can be
detected.
Whenever there is a low-voltage VDD condition, WDO goes low.
Unlike the reset outputs, however, WDO goes high as soon as
VDD rises above its voltage trip point (see Figure 4). With WDI
open or connected to a tri-stated high impedance input, the
Watchdog Timer is disabled and only pulls low when VDD < VRST.
Applications Information
Negative Voltage Sensing
This family of devices can be used to sense and monitor the
presence of both a positive and negative rail. VDD is used to
monitors the positive supply while PFI monitors the negative rail.
PFO is high when the negative rail degrades below a VTRIP value
and remains low when the negative rail is above the Vtrip value.
As the differential voltage across the R1, R2 divider is increased,
the resistor values must be chosen such that the PFI node is
<1.25V when the -V supply is satisfactory and the positive supply
VIN
VPFI
R1 R2
+
R2
----------------------
⎝⎠
⎛⎞
=
(EQ. 1)
FIGURE 14. CUSTOM VTH WITH RESISTOR DIVIDER ON PFI
VIN
R1
R2
PFI
ISL705xRH/ISL706xRH
MR
PB
20k
FIGURE 15. CONNECTING A MANUAL RESET PUSH-BUTTON
ISL705xRH/ISL706xRH


Similar Part No. - ISL706BRHVX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL706BRHF INTERSIL-ISL706BRHF Datasheet
1Mb / 19P
   Rad-Hard, 5.0V/3.3V 關-Processor Supervisory Circuits
ISL706BRHF/PROTO INTERSIL-ISL706BRHF/PROTO Datasheet
1Mb / 19P
   Rad-Hard, 5.0V/3.3V 關-Processor Supervisory Circuits
ISL706BRHX INTERSIL-ISL706BRHX Datasheet
1Mb / 19P
   Rad-Hard, 5.0V/3.3V 關-Processor Supervisory Circuits
ISL706BRHX/SAMPLE INTERSIL-ISL706BRHX/SAMPLE Datasheet
1Mb / 19P
   Rad-Hard, 5.0V/3.3V 關-Processor Supervisory Circuits
More results

Similar Description - ISL706BRHVX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL705AEH INTERSIL-ISL705AEH Datasheet
1Mb / 19P
   Rad-Hard, 5.0V/3.3V 關-Processor Supervisory Circuits
ISL705AEHVF INTERSIL-ISL705AEHVF Datasheet
1Mb / 19P
   Rad-Hard, 5.0V/3.3V u-Processor Supervisory Circuits
logo
Texas Instruments
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
logo
Texas Instruments
TPS3820- TI-TPS3820- Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX-Q1 TI-TPS3820-XX-Q1 Datasheet
225Kb / 13P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVR TI1-TPS3820-33DBVR Datasheet
837Kb / 20P
[Old version datasheet]   Processor Supervisory Circuits
TPS3820-33-Q1 TI1-TPS3820-33-Q1 Datasheet
280Kb / 15P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
ATMEL Corporation
AT697E ATMEL-AT697E_14 Datasheet
264Kb / 7P
   Rad-Hard 32-bit SPARC v8 Processor
AT697E ATMEL-AT697E Datasheet
227Kb / 16P
   Rad-Hard 32 bit SPARC V8 Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com