Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL21010 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL21010
Description  Micropower Voltage Reference
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21010 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL21010 Datasheet HTML 3Page - Intersil Corporation ISL21010 Datasheet HTML 4Page - Intersil Corporation ISL21010 Datasheet HTML 5Page - Intersil Corporation ISL21010 Datasheet HTML 6Page - Intersil Corporation ISL21010 Datasheet HTML 7Page - Intersil Corporation ISL21010 Datasheet HTML 8Page - Intersil Corporation ISL21010 Datasheet HTML 9Page - Intersil Corporation ISL21010 Datasheet HTML 10Page - Intersil Corporation ISL21010 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ISL21010
7
FN7896.0
August 9, 2011
FIGURE 8. LOAD REGULATION OVER-TEMPERATURE
FIGURE 9. LOAD TRANSIENT RESPONSE, AT 25mA LOAD
FIGURE 10. LOAD TRANSIENT RESPONSE AT 1mA LOAD
FIGURE 11. TURN-ON TIME
FIGURE 12. ZOUT vs FREQUENCY
FIGURE 13. RIPPLE REJECTION AT DIFFERENT CAPACITIVE LOADS
Typical Performance Characteristics Curves (VOUT = 2.048V)
VIN = 3.0V, IOUT = 0mA, TA = +25°C unless otherwise specified. (Continued)
-3
-2
-1
0
1
2
3
4
5
-30
-25
-20
-15
-10
-5
0
5
SOURCING
ILOAD (mA)
SINKING
+25°C
-40°C
+125°C
-40
-30
-20
-10
0
10
20
30
40
200
400
600
800
1000
1200
1400
TIME (µs)
25mA
25mA
0mA
-5
0
5
200
400
600
800
1000
1200
1400
TIME (µs)
1mA
0mA
1mA @1µF
1mA
-1
0
1
2
3
4
5
6
0
50
100
150
200
250
300
TIME (µs)
VIN
0.1µF
1µF
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
4.0
CL = 0.1µF
CL = 1µF
CL = 10µF
-100
-80
-60
-40
-20
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
CL = 1µF
CL = 10µF
CL = 0.1µF
0


Similar Part No. - ISL21010

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21010 INTERSIL-ISL21010 Datasheet
1Mb / 20P
   Micropower Voltage Reference
ISL21010 INTERSIL-ISL21010 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Intersil Corporation
ISL21010 INTERSIL-ISL21010 Datasheet
2Mb / 35P
   Micropower Voltage Reference
January 8, 2015
logo
Renesas Technology Corp
ISL2101010EV1Z RENESAS-ISL2101010EV1Z Datasheet
3Mb / 37P
   Micropower Voltage Reference
More results

Similar Description - ISL21010

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-12 ADMOS-AMS3100-12 Datasheet
68Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-25 ADMOS-AMS3100-25 Datasheet
61Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Intersil Corporation
ISL21010_1112 INTERSIL-ISL21010_1112 Datasheet
1Mb / 20P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100-2.5 ADMOS-AMS3100-2.5_08 Datasheet
64Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Unisonic Technologies
M385 UTC-M385_11 Datasheet
175Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com