Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9443IRZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL9443IRZ
Description  Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9443IRZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL9443IRZ Datasheet HTML 7Page - Intersil Corporation ISL9443IRZ Datasheet HTML 8Page - Intersil Corporation ISL9443IRZ Datasheet HTML 9Page - Intersil Corporation ISL9443IRZ Datasheet HTML 10Page - Intersil Corporation ISL9443IRZ Datasheet HTML 11Page - Intersil Corporation ISL9443IRZ Datasheet HTML 12Page - Intersil Corporation ISL9443IRZ Datasheet HTML 13Page - Intersil Corporation ISL9443IRZ Datasheet HTML 14Page - Intersil Corporation ISL9443IRZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
ISL9443
11
FN7663.0
June 20, 2011
PWM GATE DRIVER (Note 10)
IGSRC
Source Current
800
mA
IGSNK
Sink Current
2000
mA
RUG_UP
Upper Drive Pull-Up
VCC_5V = 5.0V
1.5
3
RUG_DN
Upper Drive Pull-Down
VCC_5V = 5.0V
1.1
2.5
RLG_UP
Lower Drive Pull-Up
VCC_5V = 5.0V
1.5
3
RLG_DN
Lower Drive Pull-Down
VCC_5V = 5.0V
0.6
1.5
tGR
Rise Time
COUT = 1000pF
8
ns
tGF
Fall Time
COUT = 1000pF
10
ns
OVERVOLTAGE PROTECTION
VOVTH
OV Trip Point
114.5
118.5
123.5
%
OVERCURRENT PROTECTION
IOCSET
Overcurrent Threshold (OCSET_) (Note 11)
ROCSET = 55kΩ
32
µA
Full Scale Input Current (ISEN_) (Note 11)
15
µA
VOCSET
Overcurrent Set Voltage (OCSET_)
1.67
1.74
1.81
V
OVER-TEMPERATURE (Note 9)
TOT-TH
Over-Temperature Shutdown
150
°C
TOT-HYS
Over-Temperature Hysteresis
15
°C
NOTES:
6. In normal operation, where the device is supplied with voltage on the VIN pin, the VCC_5V pin provides a 5V output capable of 75mA (min). When the
VCC_5V pin is connected to external 5V supply, the internal LDO regulator is disabled. The voltage at VCC_5V should not exceed the voltage at VIN
at any time. (Refer to the “Pin Descriptions” on page 2 for more details.)
7. This is the total shutdown current with VIN = 5.6V and 26V.
8. Operating current is the supply current consumed when the device is active but not switching. It does not include gate drive current.
9. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
10. Check Note 6 for VCC_5V and VIN configurations.
11. Threshold voltage at PHASE1, PHASE2, PHASE3 pins for turning off the bottom MOSFET during DEM.
Electrical Specifications Recommended operating conditions unless otherwise noted. Refer to Block Diagram and Typical Application
Schematic. VIN = 5.0V to 26V, or VCC_5V = 5V ±10%, C_VCC_5V = 4.7µF, TA = -40°C to +85°C (Note 9), Typical values are at TA = +25°C, unless otherwise
specified. Boldface limits apply over the operating temperature range, -40°C to +85°C
(Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 9)
TYP
MAX
(Note 9)
UNITS


Similar Part No. - ISL9443IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9443IRZ INTERSIL-ISL9443IRZ Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
February 24, 2012
logo
Renesas Technology Corp
ISL9443IRZ RENESAS-ISL9443IRZ Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL9443IRZ-T7A INTERSIL-ISL9443IRZ-T7A Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
February 24, 2012
More results

Similar Description - ISL9443IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9443IRZ-T7A INTERSIL-ISL9443IRZ-T7A Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
February 24, 2012
ISL9444 INTERSIL-ISL9444 Datasheet
1Mb / 24P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
logo
Renesas Technology Corp
ISL9443 RENESAS-ISL9443 Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
ISL9444 RENESAS-ISL9444 Datasheet
1Mb / 25P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL9444_1107 INTERSIL-ISL9444_1107 Datasheet
1Mb / 24P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controll
ISL9440IRZ-T INTERSIL-ISL9440IRZ-T Datasheet
985Kb / 20P
   Triple, 180째 Out-of-Phase, Step-Down
ISL9440 INTERSIL-ISL9440 Datasheet
979Kb / 20P
   Triple, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
logo
Renesas Technology Corp
ISL9440 RENESAS-ISL9440 Datasheet
1Mb / 20P
   Triple, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6445 RENESAS-ISL6445 Datasheet
702Kb / 15P
   1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
ISL6440 RENESAS-ISL6440 Datasheet
692Kb / 15P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com