Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS18B20-PAR Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS18B20-PAR
Description  1-Wire Parasite-Power Digital Thermometer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS18B20-PAR Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS18B20-PAR_07 Datasheet HTML 1Page - Maxim Integrated Products DS18B20-PAR_07 Datasheet HTML 2Page - Maxim Integrated Products DS18B20-PAR_07 Datasheet HTML 3Page - Maxim Integrated Products DS18B20-PAR_07 Datasheet HTML 4Page - Maxim Integrated Products DS18B20-PAR_07 Datasheet HTML 5Page - Maxim Integrated Products DS18B20-PAR_07 Datasheet HTML 6Page - Maxim Integrated Products DS18B20-PAR_07 Datasheet HTML 7Page - Maxim Integrated Products DS18B20-PAR_07 Datasheet HTML 8Page - Maxim Integrated Products DS18B20-PAR_07 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
DS18B20-PAR
2 of 19
DETAILED PIN DESCRIPTIONS Table 1
PIN
SYMBOL
DESCRIPTION
1
GND
Ground.
2
DQ
Data Input/Output pin. Open-drain 1-Wire interface pin. Also provides power
to the device when used in parasite power mode (see “Parasite Power” section.)
3
NC
No Connect. Doesn’t connect to internal circuit.
OVERVIEW
The DS18B20-PAR uses Dallas’ exclusive 1-Wire bus protocol that implements bus communication
using one control signal. The control line requires a weak pullup resistor since all devices are linked to
the bus via a 3-state or open-drain port (the DQ pin in the case of the DS18B20-PAR). In this bus
system, the microprocessor (the master device) identifies and addresses devices on the bus using each
device’s unique 64-bit code. Because each device has a unique code, the number of devices that can be
addressed on one bus is virtually unlimited. The 1-Wire bus protocol, including detailed explanations of
the commands and “time slots,” is covered in the 1-WIRE BUS SYSTEM section of this datasheet.
An important feature of the DS18B20-PAR is its ability to operate without an external power supply.
Power is instead supplied through the 1-Wire pullup resistor via the DQ pin when the bus is high. The
high bus signal also charges an internal capacitor (CPP), which then supplies power to the device when the
bus is low. This method of deriving power from the 1-Wire bus is referred to as “parasite power.”
Figure 1 shows a block diagram of the DS18B20-PAR, and pin descriptions are given in Table 1. The
64-bit ROM stores the device’s unique serial code. The scratchpad memory contains the 2-byte
temperature register that stores the digital output from the temperature sensor. In addition, the scratchpad
provides access to the 1-byte upper and lower alarm trigger registers (TH and TL). The TH and TL
registers are nonvolatile (EEPROM), so they will retain their data when the device is powered down.
DS18B20-PAR BLOCK DIAGRAM Figure 1
CPP
VPU
4.7K
64-BIT ROM
AND
1-wire PORT
DQ
INTERNAL VDD
PARASITE POWER
CIRCUIT
MEMORY CONTROL
LOGIC
SCRATCHPAD
8-BIT CRC GENERATOR
TEMPERATURE SENSOR
ALARM HIGH TRIGGER (TH)
REGISTER (EEPROM)
ALARM LOW TRIGGER (TL)
REGISTER (EEPROM)
CONFIGURATION REGISTER
(EEPROM)
GND
DS18B20-PAR


Similar Part No. - DS18B20-PAR_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS18B20-PAR MAXIM-DS18B20-PAR Datasheet
292Kb / 21P
   1-Wire Parasite-Power Digital Thermometer
050102
More results

Similar Description - DS18B20-PAR_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS18B20-PAR MAXIM-DS18B20-PAR Datasheet
292Kb / 21P
   1-Wire Parasite-Power Digital Thermometer
050102
DS18S20-PAR MAXIM-DS18S20-PAR Datasheet
256Kb / 20P
   1-Wire Parasite-Power Digital Thermometer
111803
logo
Dallas Semiconductor
DS1822-PAR DALLAS-DS1822-PAR Datasheet
138Kb / 19P
   Econo 1-Wire Parasite-Power Digital Thermometer
DS1822-PAR DALLAS-DS1822-PAR_07 Datasheet
212Kb / 19P
   Econo 1-Wire Parasite-Power Digital Thermometer
logo
Maxim Integrated Produc...
DS1822-PAR MAXIM-DS1822-PAR Datasheet
212Kb / 19P
   Econo 1-Wire Parasite-Power Digital Thermometer
101107
logo
Dallas Semiconductor
DS18S20-PAR DALLAS-DS18S20-PAR Datasheet
141Kb / 20P
   1-Wire짰 Parasite-Power Digital Thermometer
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20_08 Datasheet
261Kb / 22P
   1-Wire Digital Thermometer
REV: 042208
logo
Dallas Semiconductor
DS1820 DALLAS-DS1820 Datasheet
151Kb / 27P
   1-Wire Digital Thermometer
logo
TelCom Semiconductor, I...
TC625 TELCOM-TC625 Datasheet
68Kb / 2P
   1-WIRE DIGITAL THERMOMETER
logo
Dallas Semiconductor
DS18B20X DALLAS-DS18B20X Datasheet
184Kb / 21P
   Flipchip 1-Wire Digital Thermometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com