Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS6890GTR Datasheet(PDF) 9 Page - MOSA ELECTRONICS

Part # MS6890GTR
Description  Mono 1.1W Power Amplifier Low Voltage Operation
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6890GTR Datasheet(HTML) 9 Page - MOSA ELECTRONICS

Back Button MS6890GTR Datasheet HTML 2Page - MOSA ELECTRONICS MS6890GTR Datasheet HTML 3Page - MOSA ELECTRONICS MS6890GTR Datasheet HTML 4Page - MOSA ELECTRONICS MS6890GTR Datasheet HTML 5Page - MOSA ELECTRONICS MS6890GTR Datasheet HTML 6Page - MOSA ELECTRONICS MS6890GTR Datasheet HTML 7Page - MOSA ELECTRONICS MS6890GTR Datasheet HTML 8Page - MOSA ELECTRONICS MS6890GTR Datasheet HTML 9Page - MOSA ELECTRONICS MS6890GTR Datasheet HTML 10Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MOSA
MS6890
Mono 1.1W Power Amplifier with Shutdown
REV 4
9/10
www.mosanalog.com
DEMO BOARD
2
1
4
3
Function description
Label 1: Supply Voltage
Supply voltage range is 2.5V to 6.5V, the left of jump is positive and the right of jump is negative.
Label 2: Signal Input
Connected to audio signals.
Label 3: Speaker Output
Connected to speaker with 8ohm or 4 ohm
Label 4: Shutdown Control
The system is active mode when the jump is placed left, the shutdown pin of MS6890 is connected to GND.
The system enters shutdown mode when the jump is placed right, the shutdown pin of MS6890 is connected to VDD.


Similar Part No. - MS6890GTR

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6890GTR MOSA-MS6890GTR Datasheet
388Kb / 10P
   Mono 1.1W Power Amplifier Low Voltage Operation
More results

Similar Description - MS6890GTR

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6890 MOSA-MS6890 Datasheet
388Kb / 10P
   Mono 1.1W Power Amplifier Low Voltage Operation
MS6891 MOSA-MS6891 Datasheet
451Kb / 10P
   Mono 1.1W Power Amplifier with Shutdown, Low Voltage Operation
MS6901 MOSA-MS6901_1 Datasheet
347Kb / 9P
   Mono 1.1W Power Amplifier Selectable Shutdown Logic Level Low Voltage Operation
logo
Anpec Electronics Corop...
APA0713 ANPEC-APA0713 Datasheet
325Kb / 19P
   1.1W Mono Low-Voltage Audio Power Amplifier
APA0710 ANPEC-APA0710 Datasheet
509Kb / 29P
   1.1W Mono Low-Voltage Audio Power Amplifier
logo
MOSA ELECTRONICS
MS6895 MOSA-MS6895 Datasheet
320Kb / 7P
   Mono 1.1W, Fully Differential Input Excellent PSRR, Low Voltage Operation
MS6895 MOSA-MS6895_1 Datasheet
234Kb / 7P
   Mono 1.1W, Fully Differential Input Excellent PSRR, Low Voltage Operation
MS6894 MOSA-MS6894_1 Datasheet
302Kb / 9P
   Mono 1.1W, Fully Differential Input Excellent PSRR, Low Voltage Operation Selectable Shutdown Logic Level
MS6894 MOSA-MS6894 Datasheet
366Kb / 9P
   Mono 1.1W, Fully Differential Input Excellent PSRR, Low Voltage Operation Selectable Shutdown Logic Level
MS6853 MOSA-MS6853_1 Datasheet
638Kb / 14P
   Mono 1.9W / Stereo 300mW Power Amplifier Low Voltage Operation, Shutdown Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com