Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS6863 Datasheet(PDF) 9 Page - MOSA ELECTRONICS

Part # MS6863
Description  Dual 2W Power Amplifiers / Stereo Headphone Low Voltage, Pop Noise Free Function
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6863 Datasheet(HTML) 9 Page - MOSA ELECTRONICS

Back Button MS6863 Datasheet HTML 5Page - MOSA ELECTRONICS MS6863 Datasheet HTML 6Page - MOSA ELECTRONICS MS6863 Datasheet HTML 7Page - MOSA ELECTRONICS MS6863 Datasheet HTML 8Page - MOSA ELECTRONICS MS6863 Datasheet HTML 9Page - MOSA ELECTRONICS MS6863 Datasheet HTML 10Page - MOSA ELECTRONICS MS6863 Datasheet HTML 11Page - MOSA ELECTRONICS MS6863 Datasheet HTML 12Page - MOSA ELECTRONICS MS6863 Datasheet HTML 13Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MOSA
MS6863
Dual 2W Power Amplifiers with Stereo Headphone
REV 4
9/14
www.mosanalog.com
FREQUENCY (Hz)
FREQUENCY (Hz)
FREQUENCY (Hz)
PSRR vs. frequency
PSRR vs. frequency
PSRR vs. frequency
CBP=1uF
CBP=1uF
CBP=1uF
CBP=10uF
CBP=10uF
CBP=10uF
VDD=5V
BTL mode
RL=8Ω
VDD=3.3V
BTL mode
RL=8Ω
VDD=2.7V
BTL mode
RL=8Ω
FREQUENCY (Hz)
FREQUENCY (Hz)
FREQUENCY (Hz)
PSRR vs. frequency
PSRR vs. frequency
PSRR vs. frequency
CBP=10uF
CBP=10uF
CBP=10uF
CBP=1uF
CBP=1uF
CBP=1uF
VDD=5V
SE mode
RL=32Ω
VDD=3.3V
SE mode
RL=32Ω
VDD=2.7V
SE mode
RL=32Ω
SUPPLY VOLTAGE (V)
FREQUENCY (Hz)
FREQUENCY (Hz)
Quiescent current vs. supply voltage
Channel separation vs. frequency
Channel separation vs. frequency
BTL mode
RL=8Ω
Po=1W
BTL mode
RL=8Ω
Po=80mW
BTL mode
SE mode
RL=32Ω
Po=60mW
SE mode
RL=32Ω
Po=15mW
SE mode
VDD=5V
VDD=2.7V


Similar Part No. - MS6863

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6863 MOSA-MS6863 Datasheet
578Kb / 14P
   Dual 2W Power Amplifiers / Stereo Headphone Low Voltage, Pop Noise Free Fun
MS6863TGTR MOSA-MS6863TGTR Datasheet
578Kb / 14P
   Dual 2W Power Amplifiers / Stereo Headphone Low Voltage, Pop Noise Free Fun
MS6863TGU MOSA-MS6863TGU Datasheet
578Kb / 14P
   Dual 2W Power Amplifiers / Stereo Headphone Low Voltage, Pop Noise Free Fun
More results

Similar Description - MS6863

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6863 MOSA-MS6863 Datasheet
578Kb / 14P
   Dual 2W Power Amplifiers / Stereo Headphone Low Voltage, Pop Noise Free Fun
logo
STMicroelectronics
TS488 STMICROELECTRONICS-TS488 Datasheet
561Kb / 32P
   Pop-free 120mW stereo headphone amplifier
logo
MOSA ELECTRONICS
MS6853 MOSA-MS6853 Datasheet
747Kb / 12P
   Mono 1.9W / Stereo 300mW Power Amplifier Low Voltage Operation, Pop Noise Free
logo
Rohm
BH7881EFV ROHM-BH7881EFV_10 Datasheet
410Kb / 10P
   2W 2W Stereo Speaker / Headphone Amplifier
BH7881EFV ROHM-BH7881EFV_05 Datasheet
592Kb / 9P
   2W 2W Stereo Speaker / Headphone Amplifier
BH3544F ROHM-BH3544F Datasheet
213Kb / 5P
   Stereo Headphone Amplifiers
BH3547F ROHM-BH3547F Datasheet
217Kb / 5P
   Stereo Headphone Amplifiers
logo
Texas Instruments
LM4835 TI1-LM4835 Datasheet
1Mb / 34P
[Old version datasheet]   Stereo 2W Audio Power Amplifiers
logo
Rohm
BH3541F ROHM-BH3541F_09 Datasheet
392Kb / 9P
   Stereo Headphone Amplifiers
logo
Texas Instruments
TPA6132A2 TI1-TPA6132A2 Datasheet
1Mb / 28P
[Old version datasheet]   Stereo Headphone Amplifier With Pop Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com