Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS6715 Datasheet(PDF) 11 Page - MOSA ELECTRONICS

Part # MS6715
Description  1 Stereo Input and 1 Stereo Output Volume, Tone, Balance, Loudness Function
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6715 Datasheet(HTML) 11 Page - MOSA ELECTRONICS

Back Button MS6715_1 Datasheet HTML 7Page - MOSA ELECTRONICS MS6715_1 Datasheet HTML 8Page - MOSA ELECTRONICS MS6715_1 Datasheet HTML 9Page - MOSA ELECTRONICS MS6715_1 Datasheet HTML 10Page - MOSA ELECTRONICS MS6715_1 Datasheet HTML 11Page - MOSA ELECTRONICS MS6715_1 Datasheet HTML 12Page - MOSA ELECTRONICS MS6715_1 Datasheet HTML 13Page - MOSA ELECTRONICS MS6715_1 Datasheet HTML 14Page - MOSA ELECTRONICS MS6715_1 Datasheet HTML 15Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MOSA
MS6715
1 Stereo Input / 1 Stereo Output Audio Processor
REV 3
11/16
www.mosanalog.com
Examples
Set Volume at –37.5dB.
MSB
ACK
Start
0
0
0
1
1
0
1
1
MS6715 Address
LSB
Stop
ACK
-30dB
-7.5dB
Data byte
Set Speaker Right at -30dB.
MSB
ACK
Start
1
0
1
1
0
0
1
0
MS6715 Address
LSB
Stop
ACK
-30dB
0dB
Speaker
R
Data byte
Set Speaker Left in mute-on.
MSB
ACK
Start
1
0
0
1
1
1
1
1
MS6715 Address
LSB
Stop
ACK
Speaker
L
Mute
Data byte
Set Loudness in turn-on.
MSB
ACK
Start
0
1
0
X
X
X
X
0
MS6715 Address
LSB
Stop
ACK
Loudness
ON
Data byte
X : don care
Set Treble at -10dB.
MSB
ACK
Start
0
1
1
1
1
0
0
0
MS6715 Address
LSB
Stop
ACK
Treble
-10dB
Data byte


Similar Part No. - MS6715_1

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6715GTR MOSA-MS6715GTR Datasheet
386Kb / 13P
   1 Stereo Input and 2 Channels Output Volume, Tone, Balance, Loudness Function
MS6715GU MOSA-MS6715GU Datasheet
386Kb / 13P
   1 Stereo Input and 2 Channels Output Volume, Tone, Balance, Loudness Function
MS6715L MOSA-MS6715L Datasheet
627Kb / 13P
   Low Cost 1 Stereo Input and 1 Stereo Output
MS6715SSGTR MOSA-MS6715SSGTR Datasheet
386Kb / 13P
   1 Stereo Input and 2 Channels Output Volume, Tone, Balance, Loudness Function
MS6715SSGU MOSA-MS6715SSGU Datasheet
386Kb / 13P
   1 Stereo Input and 2 Channels Output Volume, Tone, Balance, Loudness Function
More results

Similar Description - MS6715_1

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6715 MOSA-MS6715 Datasheet
386Kb / 13P
   1 Stereo Input and 2 Channels Output Volume, Tone, Balance, Loudness Function
MS6714 MOSA-MS6714_1 Datasheet
1Mb / 18P
   4 Stereo Inputs and 1 Stereo Output Volume, Tone, Balance, Loudness and Selectable Input Gain
MS6714 MOSA-MS6714 Datasheet
419Kb / 15P
   4 Stereo Inputs and 2 Channels Output Volume, Tone, Balance, Loudness and Selectable Input Gain
MS6713 MOSA-MS6713 Datasheet
422Kb / 15P
   3 Stereo Inputs and 4 Channels Output Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
MS6713 MOSA-MS6713_1 Datasheet
608Kb / 18P
   3 Stereo Inputs and 4-Channel Outputs Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
MS6712 MOSA-MS6712 Datasheet
523Kb / 17P
   4 Stereo Inputs and 4-Channel Outputs Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
MS6712 MOSA-MS6712_1 Datasheet
526Kb / 17P
   4 Stereo Inputs and 4-Channel Outputs Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
MS6715L MOSA-MS6715L Datasheet
627Kb / 13P
   Low Cost 1 Stereo Input and 1 Stereo Output
logo
List of Unclassifed Man...
TCA730A ETC-TCA730A Datasheet
595Kb / 14P
   D.C. VOLUME AND BALANCE STEREO CONTROL CIRCUIT
logo
Silan Microelectronics ...
SC7312 SILAN-SC7312 Datasheet
261Kb / 12P
   4CH OUTPUT STEREO AUDIO PROCESSOR WITH 4 STEREO INPUTS AND TONE/VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com