Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS6337GU Datasheet(PDF) 1 Page - MOSA ELECTRONICS

Part # MS6337GU
Description  16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier Plus Stereo Headphone Function
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6337GU Datasheet(HTML) 1 Page - MOSA ELECTRONICS

  MS6337GU Datasheet HTML 1Page - MOSA ELECTRONICS MS6337GU Datasheet HTML 2Page - MOSA ELECTRONICS MS6337GU Datasheet HTML 3Page - MOSA ELECTRONICS MS6337GU Datasheet HTML 4Page - MOSA ELECTRONICS MS6337GU Datasheet HTML 5Page - MOSA ELECTRONICS MS6337GU Datasheet HTML 6Page - MOSA ELECTRONICS MS6337GU Datasheet HTML 7Page - MOSA ELECTRONICS MS6337GU Datasheet HTML 8Page - MOSA ELECTRONICS MS6337GU Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MOSA
MS6337
16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier
Plus Stereo Headphone Function
REV 2
1/20
www.mosanalog.com
16-Bit Stereo Audio DAC & Mono 1.8W Power
Amplifier Plus Stereo Headphone Function
FEATURES
Operation range: 2.7V~6.5V
16-bit resolution audio DAC
Output mode : Speaker( BTL)/Headphone(SE)
Output power, THD+N=1%
Mode
RL
5V
3.3V
2.7V
4Ω
1.8W
0.72W
450mW
BTL
8Ω
1.2W
0.52W
330mW
8Ω
0.3W
125mW
85mW
SE
32Ω 90mW
43mW
25mW
Component less
No zero crossing distortion
Fast setting time permits 2*, 4*, and 8* oversampling
(serial input) or double speed operation at 4*
oversampling
Audio format:I2S, Right justified。
The minimum HIGH voltage of digital clocks(WS,DATA
and BCK)and the control inputs can be 1.6V at Vdd = 5V.
Excellent Power Supply Rejection Ratio(PSRR)
Low power consumption
Shutdown function
Output voltages can be adjusted by the external resisters
Housed in 24 pin SSOP(150mil), QFN(4x4x0.8)packages
APPLICATIONS
Multimedia system, Portable Digital Audio.
DESCRIPTION
The MS6337 is a 16-bits voltage-output Digital-to-Analog Converter (DAC) integrated class AB stereo headphone
driver and mono speaker power amplifier. It can drive 1.8W of continuous average power into a mono 4Ω bridged-tied
(BTL) speaker or 2 * 90mW into stereo 32Ω single ended (SE) headphone. The 16-bit DAC supports popular formats
as I2S, Right Justified.
The MS6337 is with the excellent Power Supply Rejection Ratio(PSRR) and features extremely low power dissipation,
small package size and easy application. The accuracy of the matched coarse current sources, combined with the
unique symmetrical decoding method, preclude zero-crossing distortion and ensures high quality audio reproduction.
These unique features, combined with its exceptional performance, make the MS6337 ideally suited for use in digital
audio equipment.
BLOCK DIAGRAM
Shutdown control
SD
SD Mode
Status
Shutdown
Active
Active
Shutdown
0
0
1
1
0
1
0
1
CAP
Supply
AVDD AVSS
BCK
WS
DATA
BTL+
LOUT/BTL-
-
+
A1
-
+
A2
ROUT
-
+
B1
DAC
FORMAT(I2S/RJF)
DAC
Shutdown
VDD
VDD
SD
SD_MODE
400K
400K
400K
400K
RIN
LIN
HPIN
Mono / Stereo Mode
Switching Circuitry
Power Amplifier
Supply
PVDDL
PVDDR
PVSSL
MS6337
PVSSR
Click/Pop
Reduction
Bias
390K
CAP_DC
DAC_SD
Supply
DVDD
DVss
Format control
FORMAT
Status
I2S
RJF
0
1
DAC control
DACSD
Status
Shutdown
Active
0
1
CAP control
CAP_DC
Status
Discharge
Charge
0
1


Similar Part No. - MS6337GU

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6337GU MOSA-MS6337GU Datasheet
815Kb / 19P
   16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier Plus Stereo Headphone Function
More results

Similar Description - MS6337GU

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6337 MOSA-MS6337 Datasheet
815Kb / 19P
   16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier Plus Stereo Headphone Function
logo
Unisonic Technologies
L4863 UTC-L4863 Datasheet
449Kb / 10P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
National Semiconductor ...
LM4873 NSC-LM4873_02 Datasheet
956Kb / 25P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
logo
UMC Corporation
PA4867 UMC-PA4867 Datasheet
235Kb / 7P
   DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Unisonic Technologies
LM4863 UTC-LM4863 Datasheet
347Kb / 11P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Shenzhen Huazhimei Semi...
HM4863 HMSEMI-HM4863 Datasheet
1Mb / 21P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
National Semiconductor ...
LM4863 NSC-LM4863_06 Datasheet
1Mb / 21P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
Unisonic Technologies
PA4867 UTC-PA4867 Datasheet
288Kb / 7P
   DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PA4863 UTC-PA4863_15 Datasheet
475Kb / 12P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
National Semiconductor ...
LM4873 NSC-LM4873 Datasheet
532Kb / 19P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com