Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS6336TGTR Datasheet(PDF) 6 Page - MOSA ELECTRONICS

Part # MS6336TGTR
Description  16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6336TGTR Datasheet(HTML) 6 Page - MOSA ELECTRONICS

Back Button MS6336TGTR Datasheet HTML 2Page - MOSA ELECTRONICS MS6336TGTR Datasheet HTML 3Page - MOSA ELECTRONICS MS6336TGTR Datasheet HTML 4Page - MOSA ELECTRONICS MS6336TGTR Datasheet HTML 5Page - MOSA ELECTRONICS MS6336TGTR Datasheet HTML 6Page - MOSA ELECTRONICS MS6336TGTR Datasheet HTML 7Page - MOSA ELECTRONICS MS6336TGTR Datasheet HTML 8Page - MOSA ELECTRONICS MS6336TGTR Datasheet HTML 9Page - MOSA ELECTRONICS MS6336TGTR Datasheet HTML 10Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
MOSA
MS6336
16-bit Audio DAC integrated Dual 1.6W Power Amplifiers
REV 4
6/21
www.mosanalog.com
TYPICAL PERFORMANCE CHARACTERISTICS
(Ta=25℃, sampling rate=4fs, fs= 44.1kHz; unless otherwise specified)
SUPPLY VOLTAGE (V)
SUPPLY VOLTAGE (V)
SUPPLY VOLTAGE (V)
THD+N vs. supply voltage
THD+N vs. supply voltage
THD+N vs. supply voltage
FREQUENCY (Hz)
FREQUENCY (Hz)
FREQUENCY (Hz)
THD+N vs. frequency
THD+N vs. frequency
THD+N vs. frequency
FREQUENCY (Hz)
FREQUENCY (Hz)
FREQUENCY (Hz)
THD+N vs. frequency
THD+N vs. frequency
THD+N vs. frequency
VDD=2.4V, VFS
BTL, 8ohm
VDD=5V, VFS
BTL, 8ohm
VDD=3.3V, VFS
BTL, 8ohm
VDD=2.4V, VFS
BTL, 4ohm
VDD=5V, VFS
BTL, 4ohm
VDD=3.3V, VFS
BTL, 4ohm
SE, 32ohm
f=1kHz, VFS
BTL,4ohm,
f=1kHz, VFS
BTL, 8ohm
f=1kHz, VFS


Similar Part No. - MS6336TGTR

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6336TGTR MOSA-MS6336TGTR Datasheet
699Kb / 18P
   16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
More results

Similar Description - MS6336TGTR

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6336 MOSA-MS6336 Datasheet
699Kb / 18P
   16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
logo
ams AG
AS1701 AMSCO-AS1701_1 Datasheet
466Kb / 17P
   1.6W Audio Power Amplifiers
AS1701 AMSCO-AS1701 Datasheet
168Kb / 2P
   1.6W Audio Power Amplifiers
logo
MOSA ELECTRONICS
MS6310 MOSA-MS6310 Datasheet
185Kb / 6P
   Low Cost 16-Bit Stereo Audio DAC
MS6309 MOSA-MS6309_10 Datasheet
1,007Kb / 9P
   Low Cost 16-Bit Stereo Audio DAC
logo
ams AG
AS1702 AMSCO-AS1702 Datasheet
187Kb / 13P
   1.6W Single-Channel Audio Power Amplifiers
logo
List of Unclassifed Man...
MS6323 ETC-MS6323 Datasheet
281Kb / 8P
   16-Bits Stereo Audio DAC
logo
MOSA ELECTRONICS
MS6311 MOSA-MS6311_1 Datasheet
146Kb / 6P
   16-Bits Stereo Audio DAC
logo
ESS Technology,Inc
ES9028Q2M ESS-ES9028Q2M Datasheet
1Mb / 45P
   32-Bit Stereo Low Power Audio DAC
January 16, 2020
ES9038Q2M ESS-ES9038Q2M Datasheet
1Mb / 65P
   32-Bit Stereo Low Power Audio DAC
July 17, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com