Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS6335Q Datasheet(PDF) 9 Page - MOSA ELECTRONICS

Part # MS6335Q
Description  16bits Stereo Audio DAC Integrated Headphone Driver with Volume Control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6335Q Datasheet(HTML) 9 Page - MOSA ELECTRONICS

Back Button MS6335Q Datasheet HTML 5Page - MOSA ELECTRONICS MS6335Q Datasheet HTML 6Page - MOSA ELECTRONICS MS6335Q Datasheet HTML 7Page - MOSA ELECTRONICS MS6335Q Datasheet HTML 8Page - MOSA ELECTRONICS MS6335Q Datasheet HTML 9Page - MOSA ELECTRONICS MS6335Q Datasheet HTML 10Page - MOSA ELECTRONICS MS6335Q Datasheet HTML 11Page - MOSA ELECTRONICS MS6335Q Datasheet HTML 12Page - MOSA ELECTRONICS MS6335Q Datasheet HTML 13Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
MOSA
MS6334/6335
16bits Stereo Audio DAC integrated HP Driver with Volume Control
REV 5
9/20
www.mosanalog.com
I
2C data bytes description
Volume control
MSB
LSB
Function
0
0
0
2-channel, 1.5dB/step
0
0
1
Left channel, 1.5dB/step
0
1
0
b4
b3
b2
b1
b0
Right channel, 1.5dB/step
Gain / Attenuation bits
b4
b3
b2
b1
b0
Value (dB)
Value (dB)
0
0
0
0
0
Mute
1
0
0
0
0
-16.5
0
0
0
0
1
-39
1
0
0
0
1
-15
0
0
0
1
0
-37.5
1
0
0
1
0
-13.5
0
0
0
1
1
-36
1
0
0
1
1
-12
0
0
1
0
0
-34.5
1
0
1
0
0
-10.5
0
0
1
0
1
-33
1
0
1
0
1
-9
0
0
1
1
0
-31.5
1
0
1
1
0
-7.5
0
0
1
1
1
-30
1
0
1
1
1
-6
0
1
0
0
0
-28.5
1
1
0
0
0
-4.5
0
1
0
0
1
-27
1
1
0
0
1
-3
0
1
0
1
0
-25.5
1
1
0
1
0
-1.5
0
1
0
1
1
-24
1
1
0
1
1
0
0
1
1
0
0
-22.5
1
1
1
0
0
+1.5
0
1
1
0
1
-21
1
1
1
0
1
+3
0
1
1
1
0
-19.5
1
1
1
1
0
+4.5
0
1
1
1
1
-18
1
1
1
1
1
+6
Initial state: Mute
Power down mode
MSB
LSB
Function
0
1
1
b4
b3
b2
b1
b0
Power down mode selection
Power down bits
b4=1, Pull down CAP pin to ground (CAPGD)
b4=0, Set the voltage of CAP to middle of supply voltage (CAPGD)
b3=1, Enable OPAmp power down (OPAPD)
b3=0, Disable OPAmp power down (OPAPD)
b2=1, Enable DAC power down (DACPD)
b2=0, Disable DAC power down (DACPD)
b1=1, Enable headphone power down (HPPD)
b1=0, Disable headphone power down (HPPD)
b0=1, Enable DAC mute (DACM)
b0=0, Disable DAC mute (DACM)
Initial state: b0=b1=b2=b3=b4=1


Similar Part No. - MS6335Q

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6335Q MOSA-MS6335Q Datasheet
608Kb / 17P
   16-Bit Stereo Audio DAC Integrated Headphone Driver with Volume Control
MS6335QTR MOSA-MS6335QTR Datasheet
608Kb / 17P
   16-Bit Stereo Audio DAC Integrated Headphone Driver with Volume Control
More results

Similar Description - MS6335Q

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MS6334 MOSA-MS6334 Datasheet
608Kb / 17P
   16-Bit Stereo Audio DAC Integrated Headphone Driver with Volume Control
logo
Wolfson Microelectronic...
WM8721 WOLFSON-WM8721_04 Datasheet
409Kb / 37P
   Internet Audio DAC with Integrated Headphone Driver
WM8711 WOLFSON-WM8711 Datasheet
379Kb / 36P
   Internet Audio DAC with Integrated Headphone Driver
WM8721 WOLFSON-WM8721 Datasheet
347Kb / 34P
   Internet Audio DAC with Integrated Headphone Driver
logo
Maxim Integrated Produc...
MAX9850 MAXIM-MAX9850 Datasheet
956Kb / 36P
   Stereo Audio DAC with DirectDrive Headphone Amplifier
Rev 0; 11/04
MAX9850 MAXIM-MAX9850_V01 Datasheet
3Mb / 36P
   Stereo Audio DAC with DirectDrive Headphone Amplifier
19-3454; Rev 4; 8/19
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310 Datasheet
322Kb / 16P
   Stereo Audio Volume Control
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
[Old version datasheet]   Stereo Audio Volume Control
PGA2311 TI1-PGA2311 Datasheet
924Kb / 21P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
   Stereo Audio Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com