Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL41 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # LL41
Description  SMALL SIGNAL SCHOTTKY DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

LL41 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  LL41 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited LL41 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited LL41 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3.4
+0.3
-0.1
0.4±0.1
Cathode indification
FEATURES
For general purpose applications
These diodes feature very low turn-on voltage
and fast switching.These devices are protected by
a PN junction guard ring against excessive voltage,
such as electrostatic discharges.
These diodes are also available in the DO-35 case with
type designations BAT41 and in the SOD-123
case with type designations BAT41W
MECHANICAL DATA
Case: MINI-MELF,glass case
Polarity: Color band denotes cathode
Weight:
0.031 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
MAXIMUM RATINGS
UNITS
Peak reverse voltage
VRRM
V
Forward continuous current
IF
m A
Surge forward current at tp=10 ms
IFSM
A
Power dissipation
Ptot
mW
Thermal resistance junction to ambient air
RθJA
/W
Junction temperature
Tj
Storage temperature range
TSTG
VOLTAGE : 100 V
100
MINI-MELF
SMALL SIGNAL SCHOTTKY DIODE
LL41
1001)
7501)
3001)
4001)
B
L
GALAXY ELECTRICAL
LL41
125
1)Valid provided that electrodes are kept at ambient temperature.
-55 --- + 150
Document Number 0265033
BLGALAXY ELECTRICAL
1.
www.galaxycn.com
Dimensions in millimeters


Similar Part No. - LL41

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
LL41 GE-LL41 Datasheet
42Kb / 2P
   Schottky Diodes
logo
Vishay Siliconix
LL41 VISHAY-LL41 Datasheet
92Kb / 4P
   Small Signal Schottky Diode
01-Jan-2022
LL41 VISHAY-LL41 Datasheet
142Kb / 5P
   Small Signal Schottky Diode
Rev. 1.5, 21-Jul-06
logo
SynSemi, Inc.
LL41 SYNSEMI-LL41 Datasheet
28Kb / 1P
   SCHOTTKY BARRIER DIODE
logo
Jinan Jingheng (Group) ...
LL41 JINANJINGHENG-LL41 Datasheet
57Kb / 2P
   SMALL SIGNAL SCHOTTKY DIODES
More results

Similar Description - LL41

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODE
August 1999 Ed: 1A
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
LL46 LUGUANG-LL46 Datasheet
183Kb / 3P
   Small Signal Schottky Diode
logo
STMicroelectronics
TMBAT49FILM STMICROELECTRONICS-TMBAT49FILM Datasheet
76Kb / 6P
   Small signal Schottky diode
logo
Vishay Siliconix
BAS385 VISHAY-BAS385_15 Datasheet
82Kb / 5P
   Small Signal Schottky Diode
Rev. 2.1, 09-May-12
BAT85S VISHAY-BAT85S_15 Datasheet
72Kb / 4P
   Small Signal Schottky Diode
Rev. 1.8, 06-May-13
BAS581-02V-V-G VISHAY-BAS581-02V-V-G_15 Datasheet
69Kb / 4P
   Small Signal Schottky Diode
Rev. 1.1, 24-Apr-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com