Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC-837 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC-837
Description  High Density Mounting Type Photocoupler
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC-837 Datasheet(HTML) 4 Page - Sharp Corporation

  PC-837 Datasheet HTML 1Page - Sharp Corporation PC-837 Datasheet HTML 2Page - Sharp Corporation PC-837 Datasheet HTML 3Page - Sharp Corporation PC-837 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
0
0.02
- 25
0
25
50
75
100
0.04
0.06
0.08
0.10
0.12
0.14
0.16
Fig. 8 Collector-emitter Saturation Voltage vs.
Ambient Temperature
25
0
50
75
100
Fig.11 Frequency Response
Frequency f ( kHz )
-20
0
0.5
1
2
5
-10
200
100
50
20
10
500
1k
100
Fig. 9 Collector Dark Current vs.
Ambient Temperature
0.2
0.1
0.5
1
2
0.1
1
10
5
10
20
50
100
200
500
L ( k Ω )
Forward current I F ( mA )
0
0
1
2
3
4
5
510
6
15
7mA
Fig.12 Collector-emitter Saturation
Voltage vs. Forward Current
PC817 Series
Test Circuit for Response Time
VCC
t
tr
ts
90%
10%
td
Output
Input
RL
Input
Output
RD
VCC
RL
Output
RD
Test Circuit for Frepuency Response
Ambient temperature T a (˚C)
f
IF = 20mA
IC = 1mA
10 -11
10 -10
10 -9
10 -8
10 -7
10 -6
10 -5
-25
VCE = 20V
Ambient temperature T a (˚C)
t r
t f
t s
t d
VCE =2V
IC = 2mA
Ta = 25˚C
RL = 10k Ω
VCE =2V
1mA
3mA
5mA
Ta = 25˚C
IC = 2mA
IC = 0.5mA
Ta = 25˚C
Please refer to the chapter “ Precautions for Use ”
Fig.10 Response Time vs. Load Resistance
Load resistance R
q


Similar Part No. - PC-837

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC-1.2 ETC-PC-1.2 Datasheet
69Kb / 1P
   EM Magnetic Particle Clutch
PC-10 ETC-PC-10 Datasheet
69Kb / 1P
   EM Magnetic Particle Clutch
logo
Pulse A Technitrol Comp...
PC-10-1000 PULSE-PC-10-1000 Datasheet
275Kb / 2P
   Signals PC low power transformers are designed to operate between 50 Hz and 500 Hz without any degradation in output voltage.
logo
Bel Fuse Inc.
PC-10-1000 BEL-PC-10-1000 Datasheet
1Mb / 3P
   Miniature Low Power Transformers
logo
Pulse A Technitrol Comp...
PC-10-1000B3 PULSE-PC-10-1000B3 Datasheet
105Kb / 1P
   Low Frequency, Open-Style Laminated, Concentric Vertical Profile, PC Plug-In Series
More results

Similar Description - PC-837

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BL817 SECOS-BL817 Datasheet
676Kb / 4P
   High Density Mounting Type Photocoupler
BL817S SECOS-BL817S Datasheet
589Kb / 4P
   High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV-817 LITEON-LTV-817_V01 Datasheet
698Kb / 5P
   High Density Mounting Type Photocoupler
logo
Sharp Corporation
PC829 SHARP-PC829 Datasheet
79Kb / 4P
   High Density Mounting Type Photocoupler
logo
Guangdong Kexin Industr...
PC817 KEXIN-PC817 Datasheet
1Mb / 4P
   High Density Mounting Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-817_V1 TENAND-LTV-817_V1 Datasheet
1Mb / 5P
   High Density Mounting Type Photocoupler
logo
Sharp Corporation
PC818 SHARP-PC818 Datasheet
66Kb / 4P
   High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV-819 LITEON-LTV-819 Datasheet
717Kb / 5P
   High Density Mounting Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-819 TENAND-LTV-819 Datasheet
819Kb / 5P
   High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV817 LITEON-LTV817 Datasheet
747Kb / 5P
   HIgh Density Mounting Type Photocoupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com