Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA144ECA Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # DTA144ECA
Description  Digital Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

DTA144ECA Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  DTA144ECA Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited DTA144ECA Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited DTA144ECA Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited DTA144ECA Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BL Galaxy Electrical
Production specification
Digital Transistor
DTA(R1=R2 SERIES)CA
Document number: BL/SSDTC128
www.galaxycn.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Input Voltage
VI(off)
VCC=-5V,IO=-100μA
-0.5
-1.1
-
Input Voltage
DTA143ECA
DTA114ECA
DTA144ECA
DTA124ECA
VI(on)
VO=-0.3V,IO=-20mA
VO=-0.3V,IO=-10mA
VO=-0.3V,IO=-2mA
VO=-0.3V,IO=-5mA
-
-1.9
-3
V
Output Voltage
DTA143ECA
DTA114ECA
DTA144ECA
DTA124ECA
VO(on)
Io/II=-10mA/-0.5mA,
-
-0.1
-0.3
V
Input Current
DTA143ECA
DTA114ECA
DTA144ECA
DTA124ECA
II
VI=-5V
-
-
-1.8
-0.88
-0.18
-0.36
mA
Output Current
IO(off)
VCC=-50V,VI=0V
-
-
-0.5
μA
DC Current Gain
DTA143ECA
DTA114ECA
DTA144ECA
DTA124ECA
GI
VO=-5V,IO=-10mA
VO=-5V,IO=-5mA
VO=-5V,IO=-5mA
VO=-5V,IO=-5mA
20
20
68
56
-
-
Input Resistor
DTA143ECA
DTA114ECA
DTA144ECA
DTA124ECA
R1(R2)
4.7
10
47
22
kΩ
Input Resistor (R1) Tolerance
ΔR1
-
-30
+30
%
Resistance Ratio
R2/R1
-
0.8
1
1.2
Gain-Bandwidth Product
fT
VCE=-10V,IE=5mA,
f=100MHz
-
250
-
MHz
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified


Similar Part No. - DTA144ECA

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
DTA144ECA JIANGSU-DTA144ECA Datasheet
120Kb / 2P
   Digital transistors (built-in resistors)
logo
Taiwan Semiconductor Co...
DTA144ECA TSC-DTA144ECA Datasheet
820Kb / 5P
   PNP Small Signal Transistor
logo
SeCoS Halbleitertechnol...
DTA144ECA SECOS-DTA144ECA Datasheet
526Kb / 2P
   PNP Digital Transistors (Built-in Resistors)
logo
Rohm
DTA144ECA ROHM-DTA144ECA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistor
logo
Rectron Semiconductor
DTA144ECA RECTRON-DTA144ECA Datasheet
366Kb / 3P
   SOT-23 DIGITAL TRANSISTORS TRANSISTORS(PNP)
More results

Similar Description - DTA144ECA

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Bruckewell Technology L...
TA114ECA BWTECH-TA114ECA Datasheet
387Kb / 5P
   Digital Transistor
logo
Unisonic Technologies
DTA114E UTC-DTA114E_15 Datasheet
263Kb / 3P
   DIGITAL TRANSISTOR
logo
Rohm
DTA013Z ROHM-DTA013Z_16 Datasheet
1Mb / 10P
   Digital Transistor
logo
Galaxy Semi-Conductor H...
DTC144ECA BILIN-DTC144ECA Datasheet
159Kb / 3P
   Digital Transistor
logo
Micro Commercial Compon...
UMC4N MCC-UMC4N Datasheet
463Kb / 3P
   DIGITAL TRANSISTOR
logo
Galaxy Semi-Conductor H...
DTA114EUA BILIN-DTA114EUA Datasheet
110Kb / 4P
   Digital Transistor
DTC114EE BILIN-DTC114EE Datasheet
108Kb / 3P
   Digital Transistor
DTC114EUA BILIN-DTC114EUA Datasheet
172Kb / 4P
   Digital Transistor
DTA143XCA BILIN-DTA143XCA Datasheet
177Kb / 5P
   Digital Transistor
DTA124ECA BILIN-DTA124ECA_08 Datasheet
176Kb / 4P
   Digital Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com