Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA143ZCA Datasheet(PDF) 3 Page - Galaxy Semi-Conductor Holdings Limited

Part # DTA143ZCA
Description  Digital Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

DTA143ZCA Datasheet(HTML) 3 Page - Galaxy Semi-Conductor Holdings Limited

  DTA143ZCA Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited DTA143ZCA Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited DTA143ZCA Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited DTA143ZCA Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited DTA143ZCA Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BL Galaxy Electrical
Production specification
Digital Transistor
DTA(R1≠R2 SERIES)CA
Document number: BL/SSDTC145
www.galaxycn.com
Rev.A
3
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Input Resistor
DTA113ZCA
DTA114WCA
DTA114YCA
DTA123JCA
DTA123YCA
DTA143XCA
DTA143ZCA
R1(R2)
1(10)
10(4.7)
10(47)
2.2(47)
2.2(10)
4.7(10)
4.7(47)
kΩ
Input Resistor (R1) Tolerance
ΔR1
-
-30
+30
%
Resistance Ratio Tolerance
ΔR2/R1
-
-20
+20
%
Gain-Bandwidth Product
fT
VCE=-10V,IE=-5mA,
f=100MHz
-
250
-
MHz
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified


Similar Part No. - DTA143ZCA

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
DTA143ZCA JIANGSU-DTA143ZCA Datasheet
123Kb / 2P
   Digital transistors (built-in resistors)
logo
Taiwan Semiconductor Co...
DTA143ZCA TSC-DTA143ZCA Datasheet
807Kb / 5P
   PNP Small Signal Transistor
logo
SeCoS Halbleitertechnol...
DTA143ZCA SECOS-DTA143ZCA Datasheet
206Kb / 2P
   PNP Digital Transistors (Built-in Resistors)
logo
Rohm
DTA143ZCA ROHM-DTA143ZCA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistors
logo
Micro Commercial Compon...
DTA143ZCA MCC-DTA143ZCA Datasheet
103Kb / 3P
   PNP Digital Transistors
More results

Similar Description - DTA143ZCA

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Bruckewell Technology L...
TA114ECA BWTECH-TA114ECA Datasheet
387Kb / 5P
   Digital Transistor
logo
Unisonic Technologies
DTA114E UTC-DTA114E_15 Datasheet
263Kb / 3P
   DIGITAL TRANSISTOR
logo
Rohm
DTA013Z ROHM-DTA013Z_16 Datasheet
1Mb / 10P
   Digital Transistor
logo
Galaxy Semi-Conductor H...
DTC144ECA BILIN-DTC144ECA Datasheet
159Kb / 3P
   Digital Transistor
logo
Micro Commercial Compon...
UMC4N MCC-UMC4N Datasheet
463Kb / 3P
   DIGITAL TRANSISTOR
logo
Galaxy Semi-Conductor H...
DTA114EUA BILIN-DTA114EUA Datasheet
110Kb / 4P
   Digital Transistor
DTC114EE BILIN-DTC114EE Datasheet
108Kb / 3P
   Digital Transistor
DTC114EUA BILIN-DTC114EUA Datasheet
172Kb / 4P
   Digital Transistor
DTA143XCA BILIN-DTA143XCA Datasheet
177Kb / 5P
   Digital Transistor
DTA124ECA BILIN-DTA124ECA_08 Datasheet
176Kb / 4P
   Digital Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com