Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1S09APUR Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST1S09APUR
Description  2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S09APUR Datasheet(HTML) 1 Page - STMicroelectronics

  ST1S09APUR Datasheet HTML 1Page - STMicroelectronics ST1S09APUR Datasheet HTML 2Page - STMicroelectronics ST1S09APUR Datasheet HTML 3Page - STMicroelectronics ST1S09APUR Datasheet HTML 4Page - STMicroelectronics ST1S09APUR Datasheet HTML 5Page - STMicroelectronics ST1S09APUR Datasheet HTML 6Page - STMicroelectronics ST1S09APUR Datasheet HTML 7Page - STMicroelectronics ST1S09APUR Datasheet HTML 8Page - STMicroelectronics ST1S09APUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
April 2010
Doc ID 13632 Rev 4
1/18
18
ST1S09
2 A, 1.5 MHz PWM step-down switching regulator
with synchronous rectification
Features
1.5 MHz fixed frequency PWM with current
control mode
2 A output current capability
Typical efficiency: > 90%
2 % DC output voltage tolerance
Two versions available: power good or inhibit
Integrated output over-voltage protection
Non switching quiescent current: (typ) 1.5 mA
over temperature range
RDSON (typ) 100 mΩ
Utilizes tiny capacitors and inductors
Operating junction temp. -30 °C to 125 °C
Available in DFN6 (3 x 3 mm) exposed pad
Description
The ST1S09 is a step-down DC-DC converter
optimized for powering low output voltage
applications. It supplies a current in excess of 2 A
over an input voltage range from 2.7 V to 6 V.
A high PWM switching frequency (1.5 MHz)
allows the use of tiny surface-mount components.
Moreover, since the required synchronous
rectifier is integrated, the number of the external
components is reduced to minimum: a resistor
divider, an inductor and two capacitors. The
Power Good function continuously monitors the
output voltage. An open drain Power Good flag is
released when the output voltage is within
regulation. In addition, a low output ripple is
guaranteed by the current mode PWM topology
and by the use of low ESR SMD ceramic
capacitors. The device is thermally protected and
the output current limited to prevent damages due
to accidental short circuit. The ST1S09 is
available in the DFN6 (3 x 3 mm) package.
DFN6 (3 x 3 mm)
Table 1.
Device summary
Order codes
Package
ST1S09PUR
DFN6D (3 x 3 mm)
ST1S09APUR (1)
DFN6D (3 x 3 mm)
ST1S09IPUR
DFN6D (3 x 3 mm)
1.
Available on request.
www.st.com


Similar Part No. - ST1S09APUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1S09APU STMICROELECTRONICS-ST1S09APU Datasheet
416Kb / 18P
   2A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
ST1S09APU STMICROELECTRONICS-ST1S09APU Datasheet
417Kb / 18P
   2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectificationtm
More results

Similar Description - ST1S09APUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1S30 STMICROELECTRONICS-ST1S30 Datasheet
193Kb / 11P
   3 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
ST1S09 STMICROELECTRONICS-ST1S09 Datasheet
416Kb / 18P
   2A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
ST1S09 STMICROELECTRONICS-ST1S09_08 Datasheet
417Kb / 18P
   2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectificationtm
ST2S08B STMICROELECTRONICS-ST2S08B Datasheet
757Kb / 18P
   Dual synchronous rectification, 1.5 A, 1.5 MHz adjustable step-down switching regulator
ST1S06XX STMICROELECTRONICS-ST1S06XX Datasheet
426Kb / 20P
   Synchronous rectification with inhibit, 1.5 A, 1.5 MHz fixed or adjustable, step-down switching regulator
ST2S06A33 STMICROELECTRONICS-ST2S06A33_09 Datasheet
296Kb / 18P
   Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
ST2S06A33 STMICROELECTRONICS-ST2S06A33 Datasheet
333Kb / 21P
   Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
logo
List of Unclassifed Man...
BD9721FV ETC-BD9721FV Datasheet
81Kb / 2P
   1 CHANNEL STEP DOWN PWM SWITCHING REGULATOR CONTROLLER WITH SYNCHRONOUS RECTIFICATION
logo
STMicroelectronics
L5988 STMICROELECTRONICS-L5988 Datasheet
114Kb / 10P
   4A step-down switching regulator with synchronous rectification
ST1S03 STMICROELECTRONICS-ST1S03_08 Datasheet
374Kb / 16P
   1.5 A, 1.5 MHz adjustable, step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com