Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA123JCA Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # DTA123JCA
Description  Digital Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

DTA123JCA Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  DTA123JCA Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited DTA123JCA Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited DTA123JCA Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited DTA123JCA Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited DTA123JCA Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BL Galaxy Electrical
Production specification
Digital Transistor
DTA(R1≠R2 SERIES)CA
Document number: BL/SSDTC145
www.galaxycn.com
Rev.A
2
Symbol
Parameter
Value
Units
RθJA
Thermal Resistance, Junction to Ambient Air
625
/W
Tj,Tstg
Operating and Storage and Temperature Range
-55 to +150
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Input Voltage
DTA113ZCA
DTA114WCA
DTA114YCA
DTA123JCA
DTA123YCA
DTA143XCA
DTA143ZCA
VI(off)
VCC=-5V,IO=-100μA
-0.3
-0.8
-0.3
-0.5
-0.3
-0.3
-0.5
-
-
Input Voltage
DTA113ZCA
DTA114WCA
DTA114YCA
DTA123JCA
DTA123YCA
DTA143XCA
DTA143ZCA
VI(on)
VO=-0.3V,IO=-20mA
VO=-0.3V,IO=-2mA
VO=-0.3V,IO=-1mA
VO=-0.3V,IO=-5mA
VO=-0.3V,IO=-20mA
VO=-0.3V,IO=-20mA
VO=-0.3V,IO=-5mA
-
-
-3.0
-3.0
-1.4
-1.1
-3.0
-2.5
-1.3
V
Output Voltage
DTA123JCA
DTA143ZCA
DTA114YCA
ALL Others
VO(on)
Io/II=-5mA/-0.25mA
Io/II=-10mA/-0.5mA
-
-0.1
-0.3
V
Input Current
DTA113ZCA
DTA114WCA
DTA114YCA
DTA123JCA
DTA123YCA
DTA143XCA
DTA143ZCA
II
VI=-5V
-
-
-7.2
-0.88
-0.88
-3.6
-3.8
-1.8
-1.8
mA
Output Current
IO(off)
VCC=-50V,VI=0V
-
-
-0.5
μA
DC Current Gain
DTA113ZCA
DTA114WCA
DTA114YCA
DTA123JCA
DTA123YCA
DTA143XCA
DTA143ZCA
GI
VO=-5V,IO=-10mA
33
24
68
80
33
30
80
-
-


Similar Part No. - DTA123JCA

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DTA123JCA MCC-DTA123JCA Datasheet
115Kb / 3P
   Digital Transistors
logo
Taiwan Semiconductor Co...
DTA123JCA TSC-DTA123JCA Datasheet
207Kb / 3P
   PNP Small Signal Transistor
logo
SeCoS Halbleitertechnol...
DTA123JCA SECOS-DTA123JCA Datasheet
241Kb / 2P
   PNP Digital Transistors (Built-in Resistors)
logo
Bruckewell Technology L...
DTA123JCA BWTECH-DTA123JCA Datasheet
478Kb / 6P
   Epitaxial planar die construction.
logo
Rectron Semiconductor
DTA123JCA RECTRON-DTA123JCA Datasheet
385Kb / 3P
   SOT-23 DIGITAL TRANSISTORS TRANSISTORS(PNP)
More results

Similar Description - DTA123JCA

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Bruckewell Technology L...
TA114ECA BWTECH-TA114ECA Datasheet
387Kb / 5P
   Digital Transistor
logo
Unisonic Technologies
DTA114E UTC-DTA114E_15 Datasheet
263Kb / 3P
   DIGITAL TRANSISTOR
logo
Rohm
DTA013Z ROHM-DTA013Z_16 Datasheet
1Mb / 10P
   Digital Transistor
logo
Galaxy Semi-Conductor H...
DTC144ECA BILIN-DTC144ECA Datasheet
159Kb / 3P
   Digital Transistor
logo
Micro Commercial Compon...
UMC4N MCC-UMC4N Datasheet
463Kb / 3P
   DIGITAL TRANSISTOR
logo
Galaxy Semi-Conductor H...
DTA114EUA BILIN-DTA114EUA Datasheet
110Kb / 4P
   Digital Transistor
DTC114EE BILIN-DTC114EE Datasheet
108Kb / 3P
   Digital Transistor
DTC114EUA BILIN-DTC114EUA Datasheet
172Kb / 4P
   Digital Transistor
DTA143XCA BILIN-DTA143XCA Datasheet
177Kb / 5P
   Digital Transistor
DTA124ECA BILIN-DTA124ECA_08 Datasheet
176Kb / 4P
   Digital Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com