Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRHMB150B12A Datasheet(PDF) 2 Page - Nihon Inter Electronics Corporation

Part # PRHMB150B12A
Description  150A 1200V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PRHMB150B12A Datasheet(HTML) 2 Page - Nihon Inter Electronics Corporation

  PRHMB150B12A Datasheet HTML 1Page - Nihon Inter Electronics Corporation PRHMB150B12A Datasheet HTML 2Page - Nihon Inter Electronics Corporation PRHMB150B12A Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
日本インター株式会社
PRHMB150B12A
0
2
468
10
0
50
100
150
200
250
300
Collector to Emitter Voltage VCE (V)
Fig.1- Output Characteristics (Typical)
TC=25℃
10V
9V
12V
15V
VGE=20V
8V
7V
04
8
12
16
20
0
2
4
6
8
10
12
14
16
Gate to Emitter Voltage VGE (V)
Fig.2- Collector to Emitter On Voltage
vs. Gate to Emitter Voltage (Typical)
TC=25℃
150A
IC=75A
300A
04
8
12
16
20
0
2
4
6
8
10
12
14
16
Gate to Emitter Voltage VGE (V)
Fig.3- Collector to Emitter On Voltage
vs. Gate to Emitter Voltage (Typical)
IC=75A
150A
300A
TC=125℃
0
2
4
6
8
10
12
14
16
0
150
300
450
600
750
900
1050
1200
0
100
200
300
400
500
600
700
800
Total Gate Charge Qg (nC)
Fig.4- Gate Charge vs. Collector to Emitter Voltage (Typical)
VCE=600V
400V
200V
RL=4Ω
TC=25℃
0.1
0.2
0.5
1
2
5
10
20
50
100
200
50
100
200
500
1000
2000
5000
10000
20000
50000
Collector to Emitter Voltage VCE (V)
Fig.5- Capacitance vs. Collector to Emitter Voltage (Typical)
Cies
Coes
Cres
VGE=0V
f=1MHZ
TC=25℃
0
25
50
75
100
125
150
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Collector Current IC (A)
Fig.6- Collector Current vs. Switching Time (Typical)
tOFF
tf
tr
tON
VCC=600V
RG= 3.0 Ω
VGE=±15V
TC=25℃


Similar Part No. - PRHMB150B12A

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PRHMB150B12A NIEC-PRHMB150B12A Datasheet
122Kb / 3P
   IGBT MODULE Chopper 150A 1200V
logo
National Instruments Co...
PRHMB150B12A NI-PRHMB150B12A_15 Datasheet
202Kb / 3P
   IGBT
More results

Similar Description - PRHMB150B12A

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PRHMB150B12 NIEC-PRHMB150B12_1 Datasheet
202Kb / 3P
   150A 1200V
logo
National Instruments Co...
PBMB150B12 NI-PBMB150B12_15 Datasheet
231Kb / 3P
   150A, 1200V
PCHMB150B12A NI-PCHMB150B12A_15 Datasheet
202Kb / 3P
   150A, 1200V
logo
Nihon Inter Electronics...
PCHMB150B12 NIEC-PCHMB150B12_1 Datasheet
202Kb / 3P
   150A 1200V
PDMB150B12C NIEC-PDMB150B12C_1 Datasheet
256Kb / 3P
   150A 1200V
PCHMB150B12A NIEC-PCHMB150B12A_1 Datasheet
202Kb / 3P
   150A 1200V
logo
MacMic
MMG150D120B6HN MACMIC-MMG150D120B6HN Datasheet
540Kb / 5P
   1200V 150A IGBT Module
MMG150D120B6UC MACMIC-MMG150D120B6UC Datasheet
714Kb / 6P
   1200V 150A IGBT Module
MMG150Q120B6HN MACMIC-MMG150Q120B6HN Datasheet
521Kb / 5P
   1200V 150A IGBT Module
logo
Intersil Corporation
RURU150120 INTERSIL-RURU150120 Datasheet
69Kb / 4P
   150A, 1200V Ultrafast Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com