Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KGT12N120NDH Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KGT12N120NDH
Description  High speed switching
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KGT12N120NDH Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KGT12N120NDH Datasheet HTML 1Page - KEC(Korea Electronics) KGT12N120NDH Datasheet HTML 2Page - KEC(Korea Electronics) KGT12N120NDH Datasheet HTML 3Page - KEC(Korea Electronics) KGT12N120NDH Datasheet HTML 4Page - KEC(Korea Electronics) KGT12N120NDH Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2011. 8. 30
2/7
KGT12N120NDH
Revision No : 0
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Static
Collector-Emitter Breakdown Voltage
BVCES
VGE=0V , IC=1.0mA
1200
-
-
V
Collector Cut-off Current
ICES
VGE=0V, VCE=1200V
-
-
1.0
mA
Gate Leakage Current
IGES
VCE=0V, VGE=±20V
-
-
±100
nA
Gate Threshold Voltage
VGE(th)
VGE=VCE, IC=12mA
4.5
6.0
7.5
V
Collector-Emitter Saturation Voltage
VCE(sat)
VGE=15V, IC=12A
-
2.0
2.5
V
VGE=15V, IC=12A, TC = 125℃
-
2.35
-
V
VGE=15V, IC=24A
-
2.6
-
V
Dynamic
Total Gate Charge
Qg
VCC=600V, VGE=15V, IC= 12A
-
70
100
nC
Gate-Emitter Charge
Qge
-
9
-
nC
Gate-Collector Charge
Qgc
-
40
-
nC
Turn-On Delay Time
td(on)
VCC=600V, IC=12A, VGE=15V,RG=10Ω
Inductive Load, TC = 25℃ (Note1)
-
30
-
ns
Rise Time
tr
-
18
-
ns
Turn-Off Delay Time
td(off)
-
100
-
ns
Fall Time
tf
-
135
-
ns
Turn-On Switching Loss
Eon
-
1.7
-
mJ
Turn-Off Switching Loss
Eoff
-
0.5
-
mJ
Total Switching Loss
Ets
-
3.0
-
mJ
Turn-On Delay Time
td(on)
VCC=600V, IC=12A, VGE=15V, RG=10Ω
Inductive Load, TC = 125℃ (Note1)
-
30
-
ns
Rise Time
tr
-
20
-
ns
Turn-Off Delay Time
td(off)
-
110
-
ns
Fall Time
tf
-
250
-
ns
Turn-On Switching Loss
Eon
-
2.0
-
mJ
Turn-Off Switching Loss
Eoff
-
1.0
-
mJ
Total Switching Loss
Ets
-
3.5
-
mJ
Input Capacitance
Cies
VCE=30V, VGE=0V, f=1MHz
-
1100
-
pF
Ouput Capacitance
Coes
-
50
-
pF
Reverse Transfer Capacitance
Cres
-
30
-
pF
Marking
Note 1 : Energy loss include tail current and diode reverse recovery.


Similar Part No. - KGT12N120NDH

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KGT12N120NDH KEC-KGT12N120NDH Datasheet
1Mb / 5P
   High speed switching
More results

Similar Description - KGT12N120NDH

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGF40N60 FAIRCHILD-SGF40N60 Datasheet
357Kb / 8P
   High Speed Switching
logo
Toshiba Semiconductor
CES520 TOSHIBA-CES520 Datasheet
124Kb / 5P
   High-Speed Switching
CUS08F30 TOSHIBA-CUS08F30 Datasheet
127Kb / 5P
   High-Speed Switching
logo
Advanced Power Electron...
AP30G120BSW-HF A-POWER-AP30G120BSW-HF_14 Datasheet
104Kb / 4P
   High Speed Switching
AP30G120SW A-POWER-AP30G120SW_14 Datasheet
93Kb / 3P
   High Speed Switching
logo
Kersemi Electronic Co.,...
2SA1486 KERSEMI-2SA1486 Datasheet
495Kb / 2P
   High speed switching
logo
KEC(Korea Electronics)
KGT15N120NDS KEC-KGT15N120NDS Datasheet
1Mb / 7P
   High speed switching
logo
Toshiba Semiconductor
SSM6K31FE TOSHIBA-SSM6K31FE Datasheet
99Kb / 3P
   High speed switching
logo
Fairchild Semiconductor
FGAF40N60UFTU FAIRCHILD-FGAF40N60UFTU Datasheet
288Kb / 7P
   High Speed Switching
FGL40N120ANTU FAIRCHILD-FGL40N120ANTU Datasheet
543Kb / 7P
   High speed switching
logo
KEC(Korea Electronics)
KDR552F KEC-KDR552F Datasheet
28Kb / 2P
   HIGH SPEED SWITCHING
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com