Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


PC817A Datasheet(PDF) 1 Page - Sharp Electrionic Components

Part No. PC817A
Description  High Density Mounting Type Photocoupler
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo 

   
 1 page
background image
PC817 Series
PC817 Series
High Density Mounting Type
Photocoupler
s Features
1. Current transfer ratio
2. High isolation voltage between input and
3. Compact dual-in-line package
s Applications
1. Computer terminals
2. System appliances, measuring instruments
3. Registers, copiers, automatic vending
4. Electric home appliances, such as fan
output ( Viso
machines
heaters, etc.
s Outline Dimensions
( Unit : mm)
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
4. Recognized by UL, file No. E64380
θ
θ
PC847
diagram
Internal connection
Internal connection
diagram
PC837
PC827
PC817
12
43
12
3
4
θ
θ
1 Anode
2 Cathode
3 Emitter
4 Collector
θ = 0 to 13 ˚
1
2
34
5
6
7
8
12
34
5
6
7
8
1 3 Anode
2 4 Cathode
5 7 Emitter
6 8 Collector
Anode
mark
θ
θ
θ= 0 to 13˚
1
2
34
56
7
8
9
1
9
1357 Anode
2468 Cathode
θ
θ
θ = 0 to 13˚
1
2
34
56
7
8
9
12
34
56
7
8
9
135 Anode
246 Cathode
7 9
Emitter
8
Collector
θ = 0 to 13˚
9
Emitter
Collector
Internal connection diagram
Internal connection diagram
PC817 : 1-channel type
PC827 : 2-channel type
PC837 : 3-channel type
PC847 : 4-channel type
5. Signal transmission between circuits of
different potentials and impedances
Anode mark
gg TUV ( VDE0884 ) approved type is also available as an option.
( CTR: MIN. 50% at I F = 5mA ,VCE=5V)
CTR
rank mark
g Lead forming type ( I type ) and taping reel type ( P type ) are also available. ( PC817I/PC817P )
: 5 000V rms )
4.58 ± 0.5
0.5 ± 0.1
7.62 ± 0.3
0.26 ± 0.1
1.2 ± 0.3
0.9 ± 0.2
2.54 ± 0.25
2.54 ± 0.25
0.9 ± 0.2
1.2 ± 0.3
9.66 ± 0.5
0.5 ± 0.1
0.26 ± 0.1
7.62 ± 0.3
2.54 ± 0.25
0.9 ± 0.2
1.2 ± 0.3
19.82 ± 0.5
0.5 ± 0.1
0.26 ± 0.1
7.62 ± 0.3
2.54 ± 0.25
0.9 ± 0.2
1.2 ± 0.3
14.74 ± 0.5
0.5 ± 0.1
0.26 ± 0.1
7.62 ± 0.3
..
11
11
12
12
11
12
11
12
13
14
15
16
11
12
13
14
15
16
11
12
13
14
15
16
10
10
23
4
5
6
7
8
10
10
10
10




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PC845High Sensitivity High Density Mounting Type Photocoupler 1 2 3 4 5 Sharp Electrionic Components
PC815High Sensitivity High Density Mounting Type Photocoupler 1 2 3 4 Sharp Electrionic Components
LTV817HIgh Density Mounting Type Photocoupler 1 2 3 4 5 Lite-On Technology Corporation
PC818High Density Mounting Type Photocoupler 1 2 3 4 Sharp Electrionic Components
PC829High Density Mounting Type Photocoupler 1 2 3 4 Sharp Electrionic Components
PC861High Collector-emitter Voltage High Density Mounting Type Photocoupler 1 2 3 4 Sharp Electrionic Components
HCPL-814AC Input Phototransistor Optocoupler High Density Mounting Type 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
PC816Hgh -w=der Vtige Hgh Density Mounting Type Photocoupler 1 2 3 4 Sharp Electrionic Components
HCPL-817Phototransistor Optocoupler High Density Mounting Type 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
LTV-358THybrid substrates that require high density mounting Programmable controllers 1 2 3 4 5 MoreLite-On Technology Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl