Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPDP05D28-1 Datasheet(PDF) 2 Page - Sensitron

Part # SPDP05D28-1
Description  Programmable DC Solid State Power Controller Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SPDP05D28-1 Datasheet(HTML) 2 Page - Sensitron

  SPDP05D28-1 Datasheet HTML 1Page - Sensitron SPDP05D28-1 Datasheet HTML 2Page - Sensitron SPDP05D28-1 Datasheet HTML 3Page - Sensitron SPDP05D28-1 Datasheet HTML 4Page - Sensitron SPDP05D28-1 Datasheet HTML 5Page - Sensitron SPDP05D28-1 Datasheet HTML 6Page - Sensitron SPDP05D28-1 Datasheet HTML 7Page - Sensitron SPDP05D28-1 Datasheet HTML 8Page - Sensitron SPDP05D28-1 Datasheet HTML 9Page - Sensitron Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATASHEET 5186, Rev -
©2010 Sensitron Semiconductor
• 221 West Industry Court • Deer Park, NY 11729-4681
Phone (631) 586 7600 Fax (631) 242 9798
• www.sensitron.com • sales@sensitron.com • Page 2
SPDPXXD28-1 SERIES
Table 1 - Electrical Characteristics (at 25
oC and V
bias = 5.0V DC unless otherwise specified)
Power
Input Voltage – Continuous
– Transient
0 to 40V DC, 55V DC Absolute Maximum
+600V or –600V Spike (< 10 µs)
Power Dissipation
See Table 5
Current
See Table 5
See Figure 1, Trip Curve
Max Voltage Drop
See Table 5
Max current without tripping
110% min
Trip time
See Figure 1, Trip Curve
Output Rise Time (turn ON)
200
μsec typ
Output Fall Time under normal turn-off
200
μsec typ
Output Fall Time under Fault
50
μsec typ
Min Load Requirement
Nil
Protection
Short Circuit Protection
Unlimited
Instant Trip
800%, min; 1200%, max
Table 2 - Physical Characteristics
Temperature
Operating Temperature
TA = -55 °C to +100 °C
Storage Temperature
TA = -55 °C to +125 °C
Environmental
Altitude
Up to 30,000 ft
Can be installed in an unpressurized area
Case Dimensions
1.875 L X 1.125 W X 0.550 H
Operating Orientation
Any
Weight
40 grams max
MTBF (Estimate: MIL STD 217F)
44 Khrs
@ 70
0C ambient, Full load, Ground Mobile
Control & Status (TTL/CMOS Compatible)
BIAS (Vcc)
5.0V DC Nominal, 6.5V DC Absolute Maximum
4.5V to 5.5 VDC
BIAS (Vcc) Current
60 mA typ
85 mA, max
GATE Status, Load Status Signals
Voh=4.6V min, at Ioh=-4mA
Vol=0.4V max, at Iol=4mA
CONTROL Signal
VIh=2.0V min
VIl=0.8V max
Trip Reset
Cycle CONTROL Signal


Similar Part No. - SPDP05D28-1

ManufacturerPart #DatasheetDescription
logo
Sensitron
SPDP05D28 SENSITRON-SPDP05D28 Datasheet
505Kb / 15P
   DC Solid State Power Controller Module
SPDP05D28 SENSITRON-SPDP05D28 Datasheet
206Kb / 14P
   Programmable DC Solid State Power Controller Module
SPDP05D28ER SENSITRON-SPDP05D28ER Datasheet
482Kb / 13P
   Programmable DC Solid State Power Controller Module
More results

Similar Description - SPDP05D28-1

ManufacturerPart #DatasheetDescription
logo
Sensitron
SPDPXXD28 SENSITRON-SPDPXXD28_09 Datasheet
206Kb / 14P
   Programmable DC Solid State Power Controller Module
SPDPXXD28ER SENSITRON-SPDPXXD28ER Datasheet
482Kb / 13P
   Programmable DC Solid State Power Controller Module
SPDXXD28 SENSITRON-SPDXXD28 Datasheet
501Kb / 11P
   DC Solid State Power Controller Module
SPDP50D375-503 SENSITRON-SPDP50D375-503 Datasheet
263Kb / 10P
   DC Solid State Power Controller Module
SPDPXXD270 SENSITRON-SPDPXXD270 Datasheet
1Mb / 11P
   DC Solid State Power Controller Module
SPDPXXD375 SENSITRON-SPDPXXD375 Datasheet
1Mb / 11P
   DC Solid State Power Controller Module
SPDP50D375 SENSITRON-SPDP50D375 Datasheet
253Kb / 10P
   DC Solid State Power Controller Module
SPDPXXD375 SENSITRON-SPDPXXD375_10 Datasheet
1Mb / 11P
   DC Solid State Power Controller Module
SPDPXXD28 SENSITRON-SPDPXXD28 Datasheet
505Kb / 15P
   DC Solid State Power Controller Module
SPD40D28 SENSITRON-SPD40D28 Datasheet
491Kb / 11P
   DC Solid State Power Controller Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com