Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPDPXXD28-1 Datasheet(PDF) 5 Page - Sensitron

Part # SPDPXXD28-1
Description  Programmable DC Solid State Power Controller Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SPDPXXD28-1 Datasheet(HTML) 5 Page - Sensitron

  SPDPXXD28-1 Datasheet HTML 1Page - Sensitron SPDPXXD28-1 Datasheet HTML 2Page - Sensitron SPDPXXD28-1 Datasheet HTML 3Page - Sensitron SPDPXXD28-1 Datasheet HTML 4Page - Sensitron SPDPXXD28-1 Datasheet HTML 5Page - Sensitron SPDPXXD28-1 Datasheet HTML 6Page - Sensitron SPDPXXD28-1 Datasheet HTML 7Page - Sensitron SPDPXXD28-1 Datasheet HTML 8Page - Sensitron SPDPXXD28-1 Datasheet HTML 9Page - Sensitron Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATASHEET 5186, Rev -
©2010 Sensitron Semiconductor
• 221 West Industry Court • Deer Park, NY 11729-4681
Phone (631) 586 7600 Fax (631) 242 9798
• www.sensitron.com • sales@sensitron.com • Page 5
SPDPXXD28-1 SERIES
Figure 3 - Mechanical Dimensions
All dimensions are in inches
Table 4 - Pin Definitions
Pin Number
Pin Name
Function
1
BIAS
+5V DC Supply
2
GND
5V Return
3
GATE Status
Switch Status
4
LOAD Status
Load Current Detection
5
CONTROL Input
On/Off Control
6
LINE
+28V DC Supply
7
GAINRET
Internally connected to LOAD (pin 10)
8
PWRGND
28V Return
9
GAIN
Gain Adjust
10
LOAD
Load Connection


Similar Part No. - SPDPXXD28-1

ManufacturerPart #DatasheetDescription
logo
Sensitron
SPDPXXD28 SENSITRON-SPDPXXD28 Datasheet
505Kb / 15P
   DC Solid State Power Controller Module
SPDPXXD28 SENSITRON-SPDPXXD28 Datasheet
206Kb / 14P
   Programmable DC Solid State Power Controller Module
SPDPXXD28ER SENSITRON-SPDPXXD28ER Datasheet
482Kb / 13P
   Programmable DC Solid State Power Controller Module
SPDPXXD28 SENSITRON-SPDPXXD28_09 Datasheet
206Kb / 14P
   Programmable DC Solid State Power Controller Module
More results

Similar Description - SPDPXXD28-1

ManufacturerPart #DatasheetDescription
logo
Sensitron
SPDPXXD28 SENSITRON-SPDPXXD28_09 Datasheet
206Kb / 14P
   Programmable DC Solid State Power Controller Module
SPDPXXD28ER SENSITRON-SPDPXXD28ER Datasheet
482Kb / 13P
   Programmable DC Solid State Power Controller Module
SPDXXD28 SENSITRON-SPDXXD28 Datasheet
501Kb / 11P
   DC Solid State Power Controller Module
SPDP50D375-503 SENSITRON-SPDP50D375-503 Datasheet
263Kb / 10P
   DC Solid State Power Controller Module
SPDPXXD270 SENSITRON-SPDPXXD270 Datasheet
1Mb / 11P
   DC Solid State Power Controller Module
SPDPXXD375 SENSITRON-SPDPXXD375 Datasheet
1Mb / 11P
   DC Solid State Power Controller Module
SPDP50D375 SENSITRON-SPDP50D375 Datasheet
253Kb / 10P
   DC Solid State Power Controller Module
SPDPXXD375 SENSITRON-SPDPXXD375_10 Datasheet
1Mb / 11P
   DC Solid State Power Controller Module
SPDPXXD28 SENSITRON-SPDPXXD28 Datasheet
505Kb / 15P
   DC Solid State Power Controller Module
SPD40D28 SENSITRON-SPD40D28 Datasheet
491Kb / 11P
   DC Solid State Power Controller Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com