Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD141234 Datasheet(PDF) 1 Page - Sensitron

Part # SHD141234
Description  HERMETIC POWER SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD141234 Datasheet(HTML) 1 Page - Sensitron

  SHD141234 Datasheet HTML 1Page - Sensitron SHD141234 Datasheet HTML 2Page - Sensitron SHD141234 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 4170, REV. A
HERMETIC POWER SCHOTTKY RECTIFIER
Ultra Low Reverse Leakage
200
°C Operating Temperature
Applications:
• Switching Power Supply • Converters • Free-Wheeling Diodes • Polarity Protection Diode
Features:
Ultra low Reverse Leakage Current
Soft Reverse Recovery at Low and High Temperature
Very Low Forward Voltage Drop
Low Power Loss, High Efficiency
High Surge Capacity
Guard Ring for Enhanced Durability and Long Term Reliability
Guaranteed Reverse Avalanche Characteristics
Out Performs 100 Volt Ultrafast Rectifiers
Add Prefix C to SHD – For Ceramic Seals (SHDC)
Add Suffix S for TX/TXV screening, SS For JANS Screening
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
100
V
Max. Average Forward
Current
IF(AV)
50% duty cycle, rectangular
wave form
15
A
Max. Peak One Cycle Non-
Repetitive Surge Current
IFSM
8.3 ms, half Sine wave
150
A
Max. Thermal Resistance
RθJC
2.1
°C/W
Max. Junction Temperature
TJ
-
-65 to +200
°C
Max. Storage Temperature
Tstg
-
-65 to +175
°C
Electrical Characteristics:
Characteristics
Symbol
Condition
Max.
Units
Max. Forward Voltage Drop
VF1
@ 15A, Pulse, TJ = 25 °C
0.93
V
VF2
@ 15A, Pulse, TJ = 125 °C
0.84
V
Max. Reverse Current
IR1
@VR = 100V, Pulse,
TJ = 25 °C
.1
mA
IR2
@VR = 100V, Pulse,
TJ = 125 °C
1.0
mA
Max. Junction Capacitance
CT
@VR = 5V, TC = 25 °C
fSIG = 1MHz,
VSIG = 50mV (p-p)
500
pF
SHD141234


Similar Part No. - SHD141234

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD141234 SENSITRON-SHD141234 Datasheet
59Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
More results

Similar Description - SHD141234

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD125634 SENSITRON-SHD125634 Datasheet
65Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD119234 SENSITRON-SHD119234_08 Datasheet
52Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD148234 SENSITRON-SHD148234 Datasheet
168Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD141234 SENSITRON-SHD141234 Datasheet
59Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD148234 SENSITRON-SHD148234_09 Datasheet
61Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD126534 SENSITRON-SHD126534 Datasheet
159Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD114534 SENSITRON-SHD114534_08 Datasheet
54Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD114634 SENSITRON-SHD114634 Datasheet
161Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD115434 SENSITRON-SHD115434 Datasheet
159Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD124534 SENSITRON-SHD124534 Datasheet
58Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Reverse Leakage 200째C Operating Temperature
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com