Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMLDLW-3035Z Datasheet(PDF) 3 Page - AIMTEC

Part # AMLDLW-3035Z
Description  Up to 1000mA | LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMLDLW-3035Z Datasheet(HTML) 3 Page - AIMTEC

  AMLDLW-3035Z Datasheet HTML 1Page - AIMTEC AMLDLW-3035Z Datasheet HTML 2Page - AIMTEC AMLDLW-3035Z Datasheet HTML 3Page - AIMTEC AMLDLW-3035Z Datasheet HTML 4Page - AIMTEC AMLDLW-3035Z Datasheet HTML 5Page - AIMTEC AMLDLW-3035Z Datasheet HTML 6Page - AIMTEC AMLDLW-3035Z Datasheet HTML 7Page - AIMTEC AMLDLW-3035Z Datasheet HTML 8Page - AIMTEC AMLDLW-3035Z Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Series AMLDLW-Z
Up to 1000mA | LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R9
3 of 11
North America only
Application circuit examples:
Output Current Adjustment by External DC Control Voltage:
Model Number
X
AMLDL-3035Z
0.280
AMLDL-3050Z
0.197
AMLDL-3070Z
0.1388
AMLDL-30100Z
0.095
AMLDLW-Z
-Vin
VADJ
1st LED
Last LED
+Vout
1
1
-Vout
0.3 -1.25V
GND
AMLDLW-Z
-Vin
VADJ
1st LED
+Vout
1
1
-Vout
+Vin
1
TL431
10K
10K
10K
AMLDLW-Z
-Vin
+
1st LED
Last LED
+Vout
1
1
Analogue DIM
PWM Dim/ON/OFF
-Vout
AMLDLW-Z
-Vin
+
1
st LED
Last LED
+Vout
1
1
-Vout
Analogue DIM
PWM Dim/ON/OFF
1
1
AMLDLW-Z
+Vin
-Vin
+
VADJ
1st LED
+Vout
1
1
Analogue DIM
PWM Dim/ON/OFF
-Vout
AC In
AC In
5Vac
to 21Vac
Last LED
-
0.1uF
optional
100uF to
330uF
The nominal output current is given by:
0.08 x Vadj
X
Iout ˜
AMLDLW-Z
-Vin
VADJ
1st LED
+Vout
1
1
-Vout
+5v
10K
30K
R2
R1
Vctrl
[
VADJ =
R2
R1 + R2
X VCTRL


Similar Part No. - AMLDLW-3035Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLDLW-Z AIMTEC-AMLDLW-Z_13 Datasheet
386Kb / 12P
   Up to 1000mA | LED Driver
More results

Similar Description - AMLDLW-3035Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLDLW-Z AIMTEC-AMLDLW-Z_13 Datasheet
386Kb / 12P
   Up to 1000mA | LED Driver
AMLD-Z AIMTEC-AMLD-Z Datasheet
434Kb / 13P
   Up to 1000mA | LED Driver
AMLDL-Z AIMTEC-AMLDL-Z_1 Datasheet
353Kb / 14P
   Up to 1000mA | LED Driver
AMLDP-Z AIMTEC-AMLDP-Z_13 Datasheet
1Mb / 18P
   Up to 1000mA | LED Driver
AMLD-RZ AIMTEC-AMLD-RZ_16 Datasheet
285Kb / 3P
   Up to 1000mA | LED Driver
AMLD-Z AIMTEC-AMLD-Z_13 Datasheet
474Kb / 13P
   Up to 1000mA | LED Driver
AMLDL-Z AIMTEC-AMLDL-Z_16 Datasheet
440Kb / 14P
   Up to 1000mA | LED Driver
AMLDL-Z AIMTEC-AMLDL-Z_13 Datasheet
434Kb / 14P
   Up to 1000mA | LED Driver
AMLD-RZ AIMTEC-AMLD-RZ Datasheet
278Kb / 3P
   Up to 1000mA | LED Driver
AMLDP-Z AIMTEC-AMLDP-Z Datasheet
1Mb / 18P
   Up to 1000mA | LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com