Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMLD-3635IZ Datasheet(PDF) 2 Page - AIMTEC

Part # AMLD-3635IZ
Description  Up to 2000mA | LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMLD-3635IZ Datasheet(HTML) 2 Page - AIMTEC

  AMLD-3635IZ Datasheet HTML 1Page - AIMTEC AMLD-3635IZ Datasheet HTML 2Page - AIMTEC AMLD-3635IZ Datasheet HTML 3Page - AIMTEC AMLD-3635IZ Datasheet HTML 4Page - AIMTEC AMLD-3635IZ Datasheet HTML 5Page - AIMTEC AMLD-3635IZ Datasheet HTML 6Page - AIMTEC AMLD-3635IZ Datasheet HTML 7Page - AIMTEC AMLD-3635IZ Datasheet HTML 8Page - AIMTEC AMLD-3635IZ Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Series AMLD-IZ
Up to 2000mA | LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.K
2 of 13
North America only
General Specifications (continued)
Parameters
Conditions
Typical
Maximum
Units
Max Case temperature
100
oC
Cooling
Free Air Convection
Thermal Impedance
13.17
oC/W
Humidity
95
% RH
Case material
Non-Conductive Black Plastic, Nickel-Coated Copper 1.3A, 1.4A & 1.5A models)
Potting material
Epoxy (Flammability UL94V-0)
Weight
12
g
Dimensions (L x W x H)
1.25 × 0.80 × 0.40 inches
/ 31.80 × 20.30 × 10.20 mm
1.25 × 0.80 × 0.45 inches
/ 31.80 × 20.30 × 11.30 mm (1.3A, 1.4A, & 1.5A models)
1.99 x 0.99 x 0.37 inches / 50.70 x 25.30 x 9.55 mm (1.6A, 1.8A, 2.0A models)
Safety Specifications
Parameters
Agency approvals
CE
Standards
EN 55022, class B
EN55024:
IEC 61000-4-2 (Perf. Criteria B)
IEC 61000-4-3 (Perf. Criteria A)
IEC 61000-4-6 (Perf. Criteria A)
IEC 61000-4-8 (Perf. Criteria A)
Pin Out Specifications
Dimensions
NC: Not Connected
Pin
Single
1
Remote On/Off
2
-Vin
3
-Vin
9
NC
11
NC
14
LED +
16
LED -
22
+Vin
23
+Vin
24
DIM
Mechanical Tolerances
Case tolerance ± 0.25mm or ± 0.01 inches
Pin tolerance ± 0.05 or ± 0.002


Similar Part No. - AMLD-3635IZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLD-3635IZ AIMTEC-AMLD-3635IZ Datasheet
281Kb / 8P
   Up to 1200mA | LED Driver
AMLD-3635IZ AIMTEC-AMLD-3635IZ Datasheet
593Kb / 12P
   Up to 2000mA | LED Driver
More results

Similar Description - AMLD-3635IZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLD-IZ AIMTEC-AMLD-IZ_13 Datasheet
580Kb / 12P
   Up to 2000mA | LED Driver
AMLD-IZ AIMTEC-AMLD-IZ_16 Datasheet
593Kb / 12P
   Up to 2000mA | LED Driver
AMER90-Z AIMTEC-AMER90-Z Datasheet
436Kb / 5P
   up to 2000mA | AC-DC LED driver
logo
ams AG
AS3648 AMSCO-AS3648 Datasheet
4Mb / 39P
   2000mA High Current LED Flash Driver
logo
AIMTEC
AMLD-Z AIMTEC-AMLD-Z_16 Datasheet
481Kb / 13P
   Up to 1000mA | LED Driver
AMLD-IZ AIMTEC-AMLD-IZ Datasheet
281Kb / 8P
   Up to 1200mA | LED Driver
AMLDL-Z AIMTEC-AMLDL-Z Datasheet
310Kb / 14P
   Up to 1000mA | LED Driver
AMLDW-RZ AIMTEC-AMLDW-RZ Datasheet
299Kb / 3P
   Up to 1000mA | LED Driver
AMLDV-NZ AIMTEC-AMLDV-NZ_13 Datasheet
443Kb / 8P
   Up to 700mA | LED Driver
AMLD-Z AIMTEC-AMLD-Z_13 Datasheet
474Kb / 13P
   Up to 1000mA | LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com