Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMLB-3635Z Datasheet(PDF) 5 Page - AIMTEC

Part # AMLB-3635Z
Description  Up to 700mA | Step Up LED Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMLB-3635Z Datasheet(HTML) 5 Page - AIMTEC

  AMLB-3635Z Datasheet HTML 1Page - AIMTEC AMLB-3635Z Datasheet HTML 2Page - AIMTEC AMLB-3635Z Datasheet HTML 3Page - AIMTEC AMLB-3635Z Datasheet HTML 4Page - AIMTEC AMLB-3635Z Datasheet HTML 5Page - AIMTEC AMLB-3635Z Datasheet HTML 6Page - AIMTEC AMLB-3635Z Datasheet HTML 7Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Series AMLB-Z
Up to 700mA | Step Up LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.A
5 of 7
North America only
Under Voltage Protection
*R1 Value only supplies the reference
Output Current Adjustment by External DC Control Voltage (VCTRL):
R1
Under Voltage
Protection
X
7.6V
12K
10.8V
10K
11.6V
7.5K
13.0V
4.7K
16.5V
3.3K
21.0V
2.7K
24.1V
2.4K
26.2V
2.0K
29.8V
1.8K
32.4V
Vin
R1
5V
4.7K
12V
18K
24V
43K
36V
62K
AMLB-Z
-Vin
DIM
1st LED
Last LED
+LED
1
1
-LED
0.4V-1.7V
GND
EN
1
+Vin
3
4
2
DC
5
6
AMLB-Z
-Vin
1st LED
+LED
1
1
-LED
+5v
0V-1.7V
30K
VR
200K
R1
380K
DIM
DIM
1
+Vin
2
4
EN
3
5
6
AMLB-Z
-Vin
DIM
1st LED
+LED
1
1
-LED
0 – 10VDC
210K
1M
R2
R1
DIM
1
+Vin
2
0V-1.7V
4
3
EN
5
6
AMLB-Z
-Vin
DIM
1st LED
+LED
1
1
-LED
+Vin
1
TL431
200K
380K
Last LED
R1
R2
VR
If Vin is between 9 VDC and 36 VDC it is
recommended to use the circuit shown below
EN
1
+Vin
2
4
3
5
6
AMLB-Z
+Vin
-Vin
DIM
1st LED
Last LED
+LED
1
1
-LED
R1
EN
2
1
4
3
5
6


Similar Part No. - AMLB-3635Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLB-3635Z AIMTEC-AMLB-3635Z Datasheet
345Kb / 7P
   Up to 900mA | Step Up LED Driver
More results

Similar Description - AMLB-3635Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLB-Z AIMTEC-AMLB-Z_13 Datasheet
418Kb / 7P
   Up to 700mA | Step Up LED Driver
AMLBW-Z AIMTEC-AMLBW-Z Datasheet
307Kb / 8P
   Up to 700mA | Step Up LED Driver
AMLBW-Z AIMTEC-AMLBW-Z_16 Datasheet
209Kb / 8P
   Up to 700mA | Step Up LED Driver
AMLDV-NZ AIMTEC-AMLDV-NZ_13 Datasheet
443Kb / 8P
   Up to 700mA | LED Driver
AMLDV-NZ AIMTEC-AMLDV-NZ Datasheet
426Kb / 8P
   Up to 700mA | LED Driver
AMLDL-RZ AIMTEC-AMLDL-RZ Datasheet
1Mb / 17P
   Up to 700mA | LED Driver
AMER4-1230KZ AIMTEC-AMER4-1230KZ Datasheet
176Kb / 2P
   up to 700mA | AC-DC LED driver
AMEPR30N-Z AIMTEC-AMEPR30N-Z Datasheet
669Kb / 7P
   up to 700mA | AC-DC LED driver
AMEPR8-2435KZ AIMTEC-AMEPR8-2435KZ Datasheet
503Kb / 2P
   up to 700mA | AC-DC LED driver
AMEPR30NC-Z AIMTEC-AMEPR30NC-Z Datasheet
869Kb / 8P
   up to 700mA | AC-DC LED driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com