Electronic Components Datasheet Search |
|
P1301DF-1E Datasheet(PDF) 1 Page - Littelfuse |
|
P1301DF-1E Datasheet(HTML) 1 Page - Littelfuse |
1 / 4 page 105 SIDACtor® ProtectionThyristors © 2010 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information. SLIC Protection Fixed Voltage Enhanced Single Port Series - MS-012 Description The MS-012 packaged Fixed Voltage Enhanced Single Port Series are SIDACtor® devices designed to protect sensitive SLICs (Subscriber Line Interface Circuit) from damaging overvoltage transients. The series provides single port protection using a fixed voltage switching device for negative surges. Positive surges are routed though enhanced switching diodes to a ground reference. The series is also pin-to-pin compatible to industry standard programmable SO-8 SLIC protectors. Electrical Characteristics Part Number Marking V DRM@ I DRM=5μA V S@100V/μs I H I S I T@VT V T@IT=1 Amps V F@25° Capacitance V min V max mA min mA max A max V max V max P0641DF-1E P0641F1E 58 77 150 800 1 5 5 See Capacitance Values Table P0721DF-1E P0721F1E 65 88 150 800 1 5 5 P0901DF-1E P0901F1E 75 98 150 800 1 5 5 P0991DF-1E P0991F1E 80 104 150 800 1 5 5 P1001DF-1E P1001F1E 85 110 150 800 1 5 5 P1101DF-1E P1101F1E 95 130 150 800 1 5 5 P1301DF-1E P1301F1E 120 160 150 800 1 5 5 P1701DF-1E P1701F1E 160 200 150 800 1 5 5 Features & Benefits diodes for positive voltage surges one package surged in excess of ratings footprint Pinout Agency Approvals Agency Agency File Number E133083 Schematic Symbol 1 2 3 4 8 7 6 5 1 2 3 4 5 6 7 8 (NC) (Tip) (Ground) (Ground) (Ring) (NC) (Tip) (Ring) Applicable Global Standards Level Notes: - Absolute maximum ratings measured at T A= 25ºC (unless otherwise noted). - Devices are uni-directional - V F < 8.5 volts @ 10 x 700μs Amps |
Similar Part No. - P1301DF-1E |
|
Similar Description - P1301DF-1E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |