Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1301DF-1E Datasheet(PDF) 2 Page - Littelfuse

Part # P1301DF-1E
Description  Fixed Voltage Enhanced Single Port Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P1301DF-1E Datasheet(HTML) 2 Page - Littelfuse

  P1301DF-1E Datasheet HTML 1Page - Littelfuse P1301DF-1E Datasheet HTML 2Page - Littelfuse P1301DF-1E Datasheet HTML 3Page - Littelfuse P1301DF-1E Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
106
SIDACtor® ProtectionThyristors
© 2010 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
SLIC Protection
Series
I
PP
I
TSM
di/dt
2x10μs
1.2x50μs/8x20μs
10x700/5x310μs
10x1000μs
600V
RMS 1s
A min
A min
A min
A min
A min
Amps/μs max
F
120
100
50
30
1
500
Surge Ratings
Package
Symbol
Parameter
Value
Unit
1
2
3
4
8
7
6
5
MS-012
T
J
-40 to +150
°C
T
S
-65 to +150
°C
0JA
120
°C W
Thermal Considerations
50
100
0
tr
td
0
Peak
Value
Half Value
t – Time (μs)
tr = rise time to peak value
td = decay time to half value
Waveform = tr x td
V-I Characteristics
t
r x td Pulse Waveform
Note: Off-state capacitance (C
O) is measured at 1 MHz with a 2 V bias.
Capacitance Values
Part Number
pF
Pin 1,8-6,7 / 4,5-6,7
Tip-Ground, Ring-Ground
pF
Pin 1,8-4,5
Tip-Ring
MIN
MAX
MIN
MAX
P0641DF-1E
40
90
20
45
P0721DF-1E
35
85
20
45
P0901DF-1E
30
80
20
40
P0991DF-1E
25
75
15
35
P1001DF-1E
25
75
15
35
P1101DF-1E
25
70
15
30
P1301DF-1E
20
70
15
30
P1701DF-1E
20
70
15
30
IH
IDRM
VDRM
VT
+V
+I
VS
IS
IT
VF
-V
-I
Notes:
- Peak pulse current rating (I
PP) is repetitive and guaranteed for the life of the product.
- I
PP ratings applicable over temperature range of -40ºC to +85ºC
< T
J < +150°C


Similar Part No. - P1301DF-1E

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1301DF-1E LITTELFUSE-P1301DF-1E Datasheet
206Kb / 4P
   The series provides single port protection using a fixed Series are SIDACtor짰 devices
More results

Similar Description - P1301DF-1E

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0641CA2LRP LITTELFUSE-P0641CA2LRP Datasheet
142Kb / 4P
   The series provides single port protection using fixed voltage switching devices
P0641DF-1 LITTELFUSE-P0641DF-1 Datasheet
176Kb / 4P
   The series provides single port protection using a fixed voltage switching device
P0641DF-1E LITTELFUSE-P0641DF-1E Datasheet
206Kb / 4P
   The series provides single port protection using a fixed Series are SIDACtor짰 devices
logo
MORNSUN Science& Techno...
B0560LD-1WR2 MORNSUN-B0560LD-1WR2 Datasheet
663Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
B0303S-W2R2 MORNSUN-B0303S-W2R2 Datasheet
1Mb / 4P
   0.25W, Fixed input voltage, isolated & unregulated single output
B0503S-1WR3 MORNSUN-B0503S-1WR3 Datasheet
771Kb / 5P
   1W, Fixed input voltage, isolated & unregulated single output
CF0505XT-1WR3 MORNSUN-CF0505XT-1WR3 Datasheet
600Kb / 3P
   1W, Fixed input voltage, isolated & unregulated single output
logo
ON Semiconductor
MC34060A ONSEMI-MC34060A Datasheet
209Kb / 16P
   Fixed Frequency, PWM, Voltage Mode Single Ended Controllers
March, 2011 ??Rev. 7
logo
RSG Electronic Componen...
RT2-S20D1WR RSG-RT2-S20D1WR Datasheet
716Kb / 5P
   2W fixed input voltage isolated & regulated single output
RT2-S20D3WR RSG-RT2-S20D3WR Datasheet
720Kb / 5P
   2W, fixed input voltage isolated & unregulated single output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com