Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMER150-36420AZ Datasheet(PDF) 1 Page - AIMTEC

Part # AMER150-36420AZ
Description  up to 6.3A | AC-DC LED driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMER150-36420AZ Datasheet(HTML) 1 Page - AIMTEC

  AMER150-36420AZ Datasheet HTML 1Page - AIMTEC AMER150-36420AZ Datasheet HTML 2Page - AIMTEC AMER150-36420AZ Datasheet HTML 3Page - AIMTEC AMER150-36420AZ Datasheet HTML 4Page - AIMTEC AMER150-36420AZ Datasheet HTML 5Page - AIMTEC AMER150-36420AZ Datasheet HTML 6Page - AIMTEC AMER150-36420AZ Datasheet HTML 7Page - AIMTEC AMER150-36420AZ Datasheet HTML 8Page - AIMTEC AMER150-36420AZ Datasheet HTML 9Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Series AMER150-AZ
up to 6.3A | AC-DC LED driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.H
1 of 9
North America only
FEATURES:
Models
Single output
Model
Max Output
Power
(W)
*
Output
Voltage
Range (V)
Output
Current
(A)
Input Voltage
(VAC/Hz)
Input Voltage
(VDC)
Efficiency
(%)
AMER150-50300AZ
150
36-50
3
90-277/47-440
120-390
91
AMER150-36420AZ
150
24-36
4.16
90-277/47-440
120-390
90
AMER150-24630AZ
151.2
12-24
6.3
90-277/47-440
120-390
90
*Exceeding the maximum output power will permanently damage the converter
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Inrush current <2ms
115VAC
50
A
230VAC
75
Leakage current
115VAC
0.75
mA
230VAC
1
AC current
115VAC
2.2
A
230VAC
0.7
Power Factor
115VAC
0.98
230VAC
0.94
External fuse
250V/3.5A
Start up time
500
ms
Surge voltage
2sec
440
V
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Current accuracy
±3
%
Line regulation
LL-HL
±1
%
Load regulation
0-100% load
±3
%
Ripple & Noise *
20MHz Bandwidth
75
mV p-p
Hold-up time (min)
45
ms
Current adjustment range
100-0
%
* Tested with 0.1µF (M/C) or (C/C) and 47µF (E/C) parallel capacitors at the end.
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3sec
3000
VAC
Isolation Resistance
500VDC
>1000
MΩ
Isolation Capacitance
1000
pF
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100
KHz
Over current protection
95-110% of Iout
Over voltage protection
110% of Vout
• AC-DC LED Driver
• Over Voltage Protection
• Input range 90-277VAC/47-440Hz
• Waterproof Case rated IP68
• High Efficiency up to 91%
• Power Factor Correction
• Operating temperature -40 to 85°C
• SCP, Over Current Protection


Similar Part No. - AMER150-36420AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMER150-36420AZ AIMTEC-AMER150-36420AZ Datasheet
756Kb / 11P
   up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
AMER150-36420AZ AIMTEC-AMER150-36420AZ Datasheet
640Kb / 11P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER150-36420AZ AIMTEC-AMER150-36420AZ Datasheet
1Mb / 10P
   up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
More results

Similar Description - AMER150-36420AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMER150-CAZ AIMTEC-AMER150-CAZ_13 Datasheet
1Mb / 10P
   up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
AMER150-50300AZ AIMTEC-AMER150-50300AZ_17 Datasheet
1Mb / 10P
   up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
AMER150-AZ AIMTEC-AMER150-AZ_13 Datasheet
1Mb / 11P
   up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
AMER150-AZ AIMTEC-AMER150-AZ_12 Datasheet
756Kb / 11P
   up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
AMER150-CAZ AIMTEC-AMER150-CAZ Datasheet
708Kb / 10P
   up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
AMEPR25D-24100AZ AIMTEC-AMEPR25D-24100AZ_16 Datasheet
212Kb / 4P
   up to 1A | AC-DC LED Driver
AMEPR30D-5070AZ-U AIMTEC-AMEPR30D-5070AZ-U Datasheet
505Kb / 5P
   up to 2A | AC-DC LED driver
AMER60N-42130Z AIMTEC-AMER60N-42130Z Datasheet
819Kb / 7P
   up to 1600mA | AC-DC LED driver
AMEPR50N-42100Z AIMTEC-AMEPR50N-42100Z Datasheet
549Kb / 6P
   up to 1150mA | AC-DC LED driver
AMER160-48320Z AIMTEC-AMER160-48320Z Datasheet
436Kb / 6P
   up to 3400mA | AC-DC LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com