Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD116012B Datasheet(PDF) 1 Page - Sensitron

Part # SHD116012B
Description  HERMETIC POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD116012B Datasheet(HTML) 1 Page - Sensitron

  SHD116012B Datasheet HTML 1Page - Sensitron SHD116012B Datasheet HTML 2Page - Sensitron SHD116012B Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 1999 Sensitron Semiconductor
221 WEST INDUSTRY COURT
DEER PARK, NY 11729-4681
PHONE (631) 586-7600 FAX (631) 242-9798
www.sensitron.com
sales@sensitron.com
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 630, REV. C
HERMETIC POWER SCHOTTKY RECTIFIER
Very Low Voltage Drop
DESCRIPTION: 45 VOLT, 3.0 AMP, POWER SCHOTTKY RECTIFIER IN A SHD-1/1B PACKAGE.
MAXIMUM RATINGS
ALL RATINGS ARE @ TC = 25 C UNLESS OTHERWISE SPECIFIED.
RATING / CONDITION
SYMBOL
MAX.
UNITS
PEAK INVERSE VOLTAGE
PIV
45
Volts
MAXIMUM DC OUTPUT CURRENT (With Cathode Maintained @ TC=100
OC)
IO
3.0
Amps
MAXIMUM NONREPETITIVE FORWARD SURGE CURRENT
(t=8.3ms, Sine)
IFSM
55
Amps
MAXIMUM JUNCTION CAPACITANCE
(Vr =5V)
CT
160
pF
MAXIMUM THERMAL RESISTANCE (Junction to Mounting Surface, Cathode)
R JC
7.07
C/W
MAXIMUM OPERATING AND STORAGE TEMPERATURE RANGE
Top/Tstg
-65 to
+ 150
C
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
MAXIMUM FORWARD VOLTAGE DROP, Pulsed (If = 3.0 Amps)
TJ = 25 C
TJ = 125 C
Vf
0.56
0.51
Volts
MAXIMUM REVERSE CURRENT (Ir @ 45V PIV)
TJ = 25 C
TJ = 125 C
Ir
0.3
14
mA
SHD116012
SHD116012B


Similar Part No. - SHD116012B

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD116012B SENSITRON-SHD116012B Datasheet
155Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
More results

Similar Description - SHD116012B

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD120012 SENSITRON-SHD120012_08 Datasheet
47Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD115524 SENSITRON-SHD115524 Datasheet
150Kb / 2P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD116012 SENSITRON-SHD116012 Datasheet
155Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD116112 SENSITRON-SHD116112_08 Datasheet
41Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD120012P SENSITRON-SHD120012P Datasheet
84Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD126046 SENSITRON-SHD126046 Datasheet
83Kb / 3P
   VERY LOW VOLTAGE DROP HERMETIC POWER SCHOTTKY RECTIFIER
SHD115524 SENSITRON-SHD115524_11 Datasheet
60Kb / 2P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD124511 SENSITRON-SHD124511 Datasheet
52Kb / 3P
   VERY LOW DROP HERMETIC POWER SCHOTTKY RECTIFIER
SHD119512 SENSITRON-SHD119512_11 Datasheet
58Kb / 2P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
SHD126446 SENSITRON-SHD126446 Datasheet
43Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com