Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE42440MLIBA Datasheet(PDF) 5 Page - Peregrine Semiconductor Corp.

Part # PE42440MLIBA
Description  SP4T UltraCMOS??RF Switch 50 ??3000 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE42440MLIBA Datasheet(HTML) 5 Page - Peregrine Semiconductor Corp.

  PE42440MLIBA Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE42440MLIBA Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE42440MLIBA Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE42440MLIBA Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE42440MLIBA Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE42440MLIBA Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE42440MLIBA Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE42440MLIBA Datasheet HTML 8Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Product Specification
PE42440
Page 5 of 8
©2009-2013 Peregrine Semiconductor Corp. All rights reserved.
Document No. DOC-18014-2
www.psemi.com
Figure 9. Isolation: RFC-RF @ 2.75V
Figure 8. Isolation: RFC-RF @ 25°C
Figure 6. Insertion Loss: RFC-RF @ 25°C
Figure 7. Insertion Loss: RFC-RF @ 2.75V
Typical Performance Data


Similar Part No. - PE42440MLIBA

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42440MLBB-Z PSEMI-PE42440MLBB-Z Datasheet
612Kb / 8P
   SP4T UltraCMOS짰 RF Switch 50 ??3000 MHz
More results

Similar Description - PE42440MLIBA

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE423641 PSEMI-PE423641 Datasheet
340Kb / 11P
   UltraCMOS SP4T RF Switch 50??000 MHz
PE42440MLBB-Z PSEMI-PE42440MLBB-Z Datasheet
612Kb / 8P
   SP4T UltraCMOS짰 RF Switch 50 ??3000 MHz
logo
Peregrine Semiconductor...
PE42612 PEREGRINE-PE42612 Datasheet
157Kb / 4P
   SP4T UltraCMOS 2.6 V Switch 100 - 3000 MHz
PE4261 PEREGRINE-PE4261 Datasheet
160Kb / 4P
   SP4T UltraCMOS??2.6 V Switch 100 - 3000 MHz
logo
Peregrine Semiconductor
PE613050 PSEMI-PE613050 Datasheet
319Kb / 8P
   UltraCMOS SP4T Tuning Control Switch, 100-3000 MHz
PE42440 PSEMI-PE42440 Datasheet
497Kb / 8P
   SP4T UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE42540 PEREGRINE-PE42540 Datasheet
548Kb / 12P
   UltraCMOS SP4T RF Switch
logo
Peregrine Semiconductor
PE42540 PSEMI-PE42540 Datasheet
520Kb / 12P
   UltraCMOS SP4T RF Switch
PE42440 PSEMI-PE42440_14 Datasheet
1Mb / 8P
   SP4T UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE4210 PEREGRINE-PE4210 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com