Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

78M6618-IMR Datasheet(PDF) 9 Page - Teridian Semiconductor Corporation

Part # 78M6618-IMR
Description  Octal Power and Energy Measurement IC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78M6618-IMR Datasheet(HTML) 9 Page - Teridian Semiconductor Corporation

Back Button 78M6618-IMR Datasheet HTML 5Page - Teridian Semiconductor Corporation 78M6618-IMR Datasheet HTML 6Page - Teridian Semiconductor Corporation 78M6618-IMR Datasheet HTML 7Page - Teridian Semiconductor Corporation 78M6618-IMR Datasheet HTML 8Page - Teridian Semiconductor Corporation 78M6618-IMR Datasheet HTML 9Page - Teridian Semiconductor Corporation 78M6618-IMR Datasheet HTML 10Page - Teridian Semiconductor Corporation 78M6618-IMR Datasheet HTML 11Page - Teridian Semiconductor Corporation 78M6618-IMR Datasheet HTML 12Page - Teridian Semiconductor Corporation 78M6618-IMR Datasheet HTML 13Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
DS_6618_005
78M6618 Data Sheet
Rev. 1.4
9
1.6.1 SFR
Several custom Special Function Registers (SFR) registers are implemented in the 78M6618’s 80515
MPU. See the 78M6618 Programmer’s Reference Manual for more information regarding the mapping of
functionality to specific SFR and IORAM addresses.
1.7
XRAM
The CE and MPU share a single, general purpose 4 KB RAM (also referred to as XRAM) for data. The
XRAM is natively accessible as 32bit words from the CE and on 8 bit boundaries from the CPU. The
XRAM is accessed by the CPU through addresses 0x0000 to 0x0FFF.
1.8
IORAM
The MPU accesses most of its external input and output functionality as well as programmable
functionality through memory mapped IO (IORAM). The IORAM is accessed by the CPU as data
addresses 0x2000 to 0x20FF. See the 78M6618 Programmer’s Reference Manual for more information
regarding the mapping of functionality to specific IORAM addresses.
1.9
FLASH
The 78M6618 includes 128 KB of on-chip Flash memory. For read/write access from the CPU, the flash
is broken into four 32 KB banks that are managed by SFR settings. For erasing of the flash memory from
the CPU the flash is segmented into individual 1024-byte pages and also controlled by SFR settings. See
the 78M6618 Programmer’s Reference Manual for more information regarding the use of flash and the
mapping of functionality to specific SFR settings.
1.9.1 Program Security
The 78M6618 has functionality to guarantee the security of the user’s MPU and CE program code. When
enabled, the security feature limits the ICE to global Flash erase operations only. All other ICE
operations are blocked. Security is enabled by MPU code that is executed in a pre-boot interval before
the primary boot sequence begins. Once security is enabled, the only way to disable it is to perform a
global erase of the Flash, followed by a chip reset.
1.10 Oscillator
The 78M6618 oscillator drives a standard 32.768 kHz watch crystal. These crystals are accurate and do
not require a high-current oscillator circuit. The 78M6618 oscillator has been designed specifically to
handle these crystals and is compatible with their high impedance and limited power handling capability.
The oscillator is powered directly and only from the VBAT pin, which therefore must be connected to a
DC voltage source not to exceed 4 V. The oscillator requires approximately 100 nA, which is negligible
compared to the internal leakage of a battery
Since the oscillator is self-biasing, an external resistor must not be connected across the crystal.
1.11 PLL and Internal Clock Generation
Timing for the device is derived from the 32.768 kHz crystal oscillator output. The PLL and on-chip timing
functions provide several clocks which include:
The MPU clock (CKMPU)
The emulator clock (2 x CKMPU)
The clock for the CE (CKCE)
The delta-sigma ADC and FIR clock(CKADC, CKFIR)
These internal clocks can be adjusted for various programmable rates which affect device functionality.
See the 78M6618 Programmer’s Reference Manual for more information regarding the programmability
of the 78M6618 PLL and internal clock generation modules.


Similar Part No. - 78M6618-IMR

ManufacturerPart #DatasheetDescription
logo
Silergy Corp.
78M6618-IMR/F SILERGY-78M6618-IMR/F Datasheet
593Kb / 32P
   Octal Power and Energy Measurement IC
78M6618-IMR/F/Pxx SILERGY-78M6618-IMR/F/Pxx Datasheet
593Kb / 32P
   Octal Power and Energy Measurement IC
More results

Similar Description - 78M6618-IMR

ManufacturerPart #DatasheetDescription
logo
Silergy Corp.
78M6618 SILERGY-78M6618 Datasheet
593Kb / 32P
   Octal Power and Energy Measurement IC
logo
Maxim Integrated Produc...
78M6612 MAXIM-78M6612 Datasheet
1Mb / 46P
   Single-Phase, Dual-Outlet Power and Energy Measurement IC
Rev 2; 1/12
logo
Teridian Semiconductor ...
78M6612 TERIDIAN-78M6612 Datasheet
1Mb / 111P
   Single-Phase, Dual-Outlet Power and Energy Measurement IC
logo
Cirrus Logic
CS5490 CIRRUS-CS5490 Datasheet
762Kb / 57P
   Two Channel Energy Measurement IC
CS5484 APEX-CS5484 Datasheet
802Kb / 67P
   Four Channel Energy Measurement IC
CS5480 CIRRUS-CS5480 Datasheet
892Kb / 70P
   Three Channel Energy Measurement IC
CS5484 CIRRUS-CS5484 Datasheet
809Kb / 67P
   Four Channel Energy Measurement IC
CS5490 APEX-CS5490 Datasheet
753Kb / 56P
   Two Channel Energy Measurement IC
logo
Maxim Integrated Produc...
MAX71020A MAXIM-MAX71020A Datasheet
644Kb / 26P
   Energy Measurement AFE
2015
logo
Analog Devices
ADE7566 AD-ADE7566 Datasheet
2Mb / 144P
   Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com