Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

78M6613 Datasheet(PDF) 5 Page - Teridian Semiconductor Corporation

Part # 78M6613
Description  Single-Phase AC Power Measurement IC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78M6613 Datasheet(HTML) 5 Page - Teridian Semiconductor Corporation

  78M6613 Datasheet HTML 1Page - Teridian Semiconductor Corporation 78M6613 Datasheet HTML 2Page - Teridian Semiconductor Corporation 78M6613 Datasheet HTML 3Page - Teridian Semiconductor Corporation 78M6613 Datasheet HTML 4Page - Teridian Semiconductor Corporation 78M6613 Datasheet HTML 5Page - Teridian Semiconductor Corporation 78M6613 Datasheet HTML 6Page - Teridian Semiconductor Corporation 78M6613 Datasheet HTML 7Page - Teridian Semiconductor Corporation 78M6613 Datasheet HTML 8Page - Teridian Semiconductor Corporation 78M6613 Datasheet HTML 9Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
DS_6613_018
78M6613 Data Sheet
Rev. 1.1
5
1
Hardware Description
1.1
Hardware Overview
The Teridian 78M6613 single-chip measurement unit integrates all primary functional blocks required to
embed solid-state AC power and energy measurement. Included on chip are:
An analog front end (AFE)
An independent digital computation engine (CE)
An 8051-compatible microprocessor (MPU) which executes one instruction per clock cycle (80515)
A voltage reference
A temperature sensor
RAM and Flash memory
A variety of I/O pins
Current sensor technologies supported include Current Transformers (CT) and Resistive Shunts.
In a typical application, the 32-bit compute engine (CE) of the 78M6613 sequentially processes the
samples from the voltage inputs on pins A0, A1, A2, A3 and performs calculations to measure active
energy (Wh), reactive energy (VARh), A2h, and V2h for four-quadrant measurement. These
measurements are then accessed by the MPU, processed further and output using the peripheral
interfaces available to the MPU.
In addition to the temperature-trimmed ultra-precision voltage reference, the on-chip digital temperature
compensation mechanism includes a temperature sensor and associated controls for correction of
unwanted temperature effects on measurement. Temperature dependent external components such as
crystal oscillator, current transformers (CTs), and their corresponding signal conditioning circuits can be
characterized and their correction factors can be programmed to produce measurements with
exceptional accuracy over the industrial temperature range, if desired.
A block diagram of the IC is shown in Figure 1. A detailed description of various functional blocks
follows.


Similar Part No. - 78M6613

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
78M6613 MAXIM-78M6613 Datasheet
908Kb / 33P
   Single-Phase AC Power Measurement IC
Rev 2; 1/12
logo
Silergy Corp.
78M6613 SILERGY-78M6613 Datasheet
813Kb / 33P
   Single-Phase AC Power Measurement IC
logo
Maxim Integrated Produc...
78M6613-IM/F MAXIM-78M6613-IM/F Datasheet
908Kb / 33P
   Single-Phase AC Power Measurement IC
Rev 2; 1/12
logo
Silergy Corp.
78M6613-IM/F SILERGY-78M6613-IM/F Datasheet
813Kb / 33P
   Single-Phase AC Power Measurement IC
logo
Maxim Integrated Produc...
78M6613-IM/F/P MAXIM-78M6613-IM/F/P Datasheet
908Kb / 33P
   Single-Phase AC Power Measurement IC
Rev 2; 1/12
More results

Similar Description - 78M6613

ManufacturerPart #DatasheetDescription
logo
Silergy Corp.
78M6613 SILERGY-78M6613 Datasheet
813Kb / 33P
   Single-Phase AC Power Measurement IC
logo
Maxim Integrated Produc...
78M6613 MAXIM-78M6613_12 Datasheet
908Kb / 33P
   Single-Phase AC Power Measurement IC
Rev 2; 1/12
78M6631 MAXIM-78M6631 Datasheet
600Kb / 30P
   3-Phase Power-Measurement IC
Rev 1; 1/12
logo
Silergy Corp.
78M6631 SILERGY-78M6631 Datasheet
567Kb / 30P
   3-Phase Power-Measurement IC
logo
Maxim Integrated Produc...
MAXQ314 MAXIM-MAXQ314 Datasheet
1,020Kb / 16P
   Single-Phase Power-Measurement IC with I2C Interface
Rev 0; 11/09
78M6631_1204 MAXIM-78M6631_1204 Datasheet
475Kb / 30P
   3-Phase Power-Measurement IC
Rev 2; 4/12
logo
Teridian Semiconductor ...
78M6612 TERIDIAN-78M6612 Datasheet
1Mb / 111P
   Single-Phase, Dual-Outlet Power and Energy Measurement IC
logo
Maxim Integrated Produc...
78M6612 MAXIM-78M6612 Datasheet
1Mb / 46P
   Single-Phase, Dual-Outlet Power and Energy Measurement IC
Rev 2; 1/12
logo
Analog Devices
ADE7953 AD-ADE7953 Datasheet
804Kb / 68P
   Single Phase, Multifunction Metering IC with Neutral Current Measurement
REV. A
logo
Texas Instruments
LM25056 TI1-LM25056_16 Datasheet
934Kb / 39P
[Old version datasheet]   System Power Measurement IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com