Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMEPR60-24250AZ Datasheet(PDF) 1 Page - AIMTEC

Part # AMEPR60-24250AZ
Description  up to 5A | AC-DC LED driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR60-24250AZ Datasheet(HTML) 1 Page - AIMTEC

  AMEPR60-24250AZ Datasheet HTML 1Page - AIMTEC AMEPR60-24250AZ Datasheet HTML 2Page - AIMTEC AMEPR60-24250AZ Datasheet HTML 3Page - AIMTEC AMEPR60-24250AZ Datasheet HTML 4Page - AIMTEC AMEPR60-24250AZ Datasheet HTML 5Page - AIMTEC AMEPR60-24250AZ Datasheet HTML 6Page - AIMTEC AMEPR60-24250AZ Datasheet HTML 7Page - AIMTEC AMEPR60-24250AZ Datasheet HTML 8Page - AIMTEC AMEPR60-24250AZ Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Series AMEPR60-AZ
up to 5A | AC-DC LED driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.J
1 of 11
North America only
FEATURES:
Models
Single output
Model
Max Output
Power (W)
*
Output
Voltage
Range (V)
Output
Current (A)
Input Voltage
(VAC/Hz)
Input Voltage
(VDC)
Efficiency
(%)
AMEPR60-50120AZ
60
36-50
1.2
90-305/47-440
120-430
89
AMEPR60-36170AZ
59.8
24-36
1.66
90-305/47-440
120-430
88
AMEPR60-24250AZ
60
12-24
2.5
90-305/47-440
120-430
87
AMEPR60-12500AZ
60
5-12
5
90-305/47-440
120-430
85
*Exceeding the maximum output power will permanently damage the converter
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Inrush current <2ms
115VAC
30
A
230VAC
50
Leakage current
115VAC
0.5
mA
230VAC
0.7
AC current
115VAC
0.73
A
230VAC
0.33
Power Factor
115VAC
0.97
230VAC
0.93
External fuse
250V/1.5A
Start up time
250
ms
Surge voltage
2sec
440
V
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Current accuracy
±3
%
Line regulation
LL-HL
±1
%
Load regulation
0-100% load
±3
%
Ripple & Noise *
20MHz Bandwidth
75
mV p-p
Hold-up time
90
ms
Current adjustment range
100-0
%
Minimum Load Voltage
See the models table
* Tested with 0.1µF (M/C) or (C/C) and 10µF (E/C) parallel capacitors at the end.
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec/3.5mA
3000
VAC
Isolation Resistance
500VDC
>1000
MΩ
Isolation Capacitance
1000
pF
• AC-DC Constant current LED Driver
• Over Temperature Protection
• Input range 90-305VAC/47-440Hz
• Waterproof Case rated IP68
• High Efficiency up to 89%
• Power Factor Correction
• Operating temperature -40 to 85°C
• SCP, Over Current Protection


Similar Part No. - AMEPR60-24250AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR60-24250AZ AIMTEC-AMEPR60-24250AZ Datasheet
701Kb / 14P
   AC-DC Constant Current or Constant Voltage LED Driver
AMEPR60-24250AZ AIMTEC-AMEPR60-24250AZ Datasheet
969Kb / 13P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
More results

Similar Description - AMEPR60-24250AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMER120-AZ AIMTEC-AMER120-AZ Datasheet
900Kb / 9P
   up to 5A | AC-DC LED driver
AMEOR60-AZ AIMTEC-AMEOR60-AZ Datasheet
477Kb / 11P
   up to 5A | AC-DC LED driver
AMEOR60C-50120AZ AIMTEC-AMEOR60C-50120AZ Datasheet
872Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-AZ AIMTEC-AMEOR60-AZ_16 Datasheet
597Kb / 12P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-AZ AIMTEC-AMEOR60-AZ_13 Datasheet
637Kb / 11P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60C-AZ AIMTEC-AMEOR60C-AZ_16 Datasheet
670Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-50120AZ AIMTEC-AMEOR60-50120AZ Datasheet
977Kb / 12P
   up to 5A | AC-DC / DC-DC LED driver
AMEPR60C-50120AZ AIMTEC-AMEPR60C-50120AZ_17 Datasheet
1Mb / 13P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-AZ AIMTEC-AMER120-AZ_13 Datasheet
1Mb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-CAZ AIMTEC-AMER120-CAZ_13 Datasheet
1Mb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com