Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMEPR30-4864AZ Datasheet(PDF) 9 Page - AIMTEC

Part # AMEPR30-4864AZ
Description  up to 2.5A | AC-DC LED driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR30-4864AZ Datasheet(HTML) 9 Page - AIMTEC

Back Button AMEPR30-4864AZ Datasheet HTML 5Page - AIMTEC AMEPR30-4864AZ Datasheet HTML 6Page - AIMTEC AMEPR30-4864AZ Datasheet HTML 7Page - AIMTEC AMEPR30-4864AZ Datasheet HTML 8Page - AIMTEC AMEPR30-4864AZ Datasheet HTML 9Page - AIMTEC AMEPR30-4864AZ Datasheet HTML 10Page - AIMTEC AMEPR30-4864AZ Datasheet HTML 11Page - AIMTEC AMEPR30-4864AZ Datasheet HTML 12Page - AIMTEC AMEPR30-4864AZ Datasheet HTML 13Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Series AMEPR30-AZ
up to 2.5A | AC-DC LED driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.J
9 of 13
North America only
Constant Current vs. Constant Voltage Mode
AMEPR30-5070AZ
AMEPR30-4864AZ


Similar Part No. - AMEPR30-4864AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR30-4864AZ AIMTEC-AMEPR30-4864AZ Datasheet
1Mb / 15P
   AC-DC Constant Current or Constant Voltage LED Driver
AMEPR30-4864AZ AIMTEC-AMEPR30-4864AZ Datasheet
1Mb / 15P
   up to 2.5A | AC-DC / DC-DC | LED Driver / Converter
More results

Similar Description - AMEPR30-4864AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEOR30-5070AZ AIMTEC-AMEOR30-5070AZ Datasheet
960Kb / 14P
   up to 2.5A | AC-DC / DC-DC LED driver
AMEOR30C-AZ AIMTEC-AMEOR30C-AZ_16 Datasheet
853Kb / 17P
   up to 2.5A | AC-DC / DC-DC LED driver
AMEOR30-AZ AIMTEC-AMEOR30-AZ_16 Datasheet
762Kb / 15P
   up to 2.5A | AC-DC / DC-DC LED driver
AMEPR30-AZ AIMTEC-AMEPR30-AZ_13 Datasheet
884Kb / 14P
   up to 2.5A | AC-DC / DC-DC | LED Driver / Converter
AMEPR30C-5070AZ AIMTEC-AMEPR30C-5070AZ_15 Datasheet
760Kb / 17P
   up to 2.5A | AC-DC / DC-DC | LED Driver / Converter
AMEPR30-5070AZ AIMTEC-AMEPR30-5070AZ Datasheet
1Mb / 15P
   up to 2.5A | AC-DC / DC-DC | LED Driver / Converter
AMEPR25D-24100AZ AIMTEC-AMEPR25D-24100AZ_16 Datasheet
212Kb / 4P
   up to 1A | AC-DC LED Driver
AMEPR30D-5070AZ-U AIMTEC-AMEPR30D-5070AZ-U Datasheet
505Kb / 5P
   up to 2A | AC-DC LED driver
AMER60N-42130Z AIMTEC-AMER60N-42130Z Datasheet
819Kb / 7P
   up to 1600mA | AC-DC LED driver
AMEPR50N-42100Z AIMTEC-AMEPR50N-42100Z Datasheet
549Kb / 6P
   up to 1150mA | AC-DC LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com