Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM20C-1212DZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM20C-1212DZ
Description  20 Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM20C-1212DZ Datasheet(HTML) 1 Page - AIMTEC

  AM20C-1212DZ Datasheet HTML 1Page - AIMTEC AM20C-1212DZ Datasheet HTML 2Page - AIMTEC AM20C-1212DZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AM20C-Z
20 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.A
1 of 3
North America only
FEATURES:
• Ultra compact footprint 1”x1”
Adjustable Output Voltage
• Wide Input Range 2:1
Operating Temperature -40ºC to +75ºC
• 1600 VDC Isolation
Over Current and Over Voltage Protection
• Remote ON/OFF Function
Efficiency up to 90%
• No Minimum Load Required
RoHS Compliant
Soft Start
Models
Single output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (A)
Isolation
(VDC)
Efficiency
(%)
AM20C-1203SZ
9-18
3.3
4.5
1600
86
AM20C-1205SZ
9-18
5
4
1600
90
AM20C-1212SZ
9-18
12
1.67
1600
89
AM20C-1215SZ
9-18
15
1.33
1600
89
AM20C-2403SZ
18-36
3.3
4.5
1600
86
AM20C-2405SZ
18-36
5
4
1600
89
AM20C-2412SZ
18-36
12
1.67
1600
89
AM20C-2415SZ
18-36
15
1.33
1600
89
AM20C-4803SZ
36-75
3.3
4.5
1600
86
AM20C-4805SZ
36-75
5
4
1600
89
AM20C-4812SZ
36-75
12
1.67
1600
89
AM20C-4815SZ
36-75
15
1.33
1600
90
Models
Dual output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (A)
Isolation
(VDC)
Efficiency
(%)
AM20C-1212DZ
9-18
±12
±0.833
1600
89
AM20C-1215DZ
9-18
±15
±0.667
1600
89
AM20C-2412DZ
18-36
±12
±0.833
1600
89
AM20C-2415DZ
18-36
±15
±0.667
1600
89
AM20C-4812DZ
36-75
±12
±0.833
1600
89
AM20C-4815DZ
36-75
±15
±0.667
1600
89
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
12
9-18
VDC
24
18-36
48
36-75
Filter
π
Start up time
Nominal Vin with constant resistive load
30
ms
Absolute Maximum Rating
12 Vin
25
VDC
24 Vin
50
48 Vin
100
Peak Input Voltage time
100
ms
On/Off control
ON –3 to 12VDC (or open)
OFF – 0 to 1.2VDC or short pin 2 to pin 3; OFF idle current – 5mA
No load current
60
mA
Under voltage lockout
12 Vin ON/OFF
8.6 /7.9
VDC
24 Vin ON/OFF
17.8/16
48 Vin ON/OFF
33.5/30.5
Input reflected ripple current
30
mA p-p


Similar Part No. - AM20C-1212DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM20C-1212DZ AIMTEC-AM20C-1212DZ Datasheet
659Kb / 3P
   20 Watt | DC-DC Converter
More results

Similar Description - AM20C-1212DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM20E-Z AIMTEC-AM20E-Z_16 Datasheet
423Kb / 5P
   20 Watt | DC-DC Converter
AM20C-Z AIMTEC-AM20C-Z_13 Datasheet
690Kb / 4P
   20 Watt | DC-DC Converter
AM20C-Z AIMTEC-AM20C-Z_12 Datasheet
659Kb / 3P
   20 Watt | DC-DC Converter
AM20EW-Z AIMTEC-AM20EW-Z Datasheet
522Kb / 5P
   20 Watt | DC-DC Converter
AM20EW-Z AIMTEC-AM20EW-Z_16 Datasheet
470Kb / 6P
   20 Watt | DC-DC Converter
AM20E-Z AIMTEC-AM20E-Z Datasheet
543Kb / 5P
   20 Watt | DC-DC Converter
AM20E-Z AIMTEC-AM20E-Z_13 Datasheet
419Kb / 5P
   20 Watt | DC-DC Converter
AM20CW-Z AIMTEC-AM20CW-Z Datasheet
339Kb / 3P
   20 Watt | DC-DC Converter
AM20EW-Z AIMTEC-AM20EW-Z_13 Datasheet
653Kb / 6P
   20 Watt | DC-DC Converter
AMEL20-MAZ AIMTEC-AMEL20-MAZ_12 Datasheet
534Kb / 4P
   20 Watt | AC-DC / DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com