Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME15-3.3SMAZ Datasheet(PDF) 2 Page - AIMTEC

Part # AME15-3.3SMAZ
Description  15 Watt | AC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AME15-3.3SMAZ Datasheet(HTML) 2 Page - AIMTEC

  AME15-3.3SMAZ Datasheet HTML 1Page - AIMTEC AME15-3.3SMAZ Datasheet HTML 2Page - AIMTEC AME15-3.3SMAZ Datasheet HTML 3Page - AIMTEC AME15-3.3SMAZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series AME15-MAZ
15 Watt | AC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8.H
2 of 4
North America only
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
132
KHz
Start up time
900
mS
Over load protection
Auto recovery, hiccup mode
>131
%
Over voltage protection
Zener diode clamp
Short Circuit protection
Continous
Short Circuit restart
Auto recovery
Operating temperature
With derating over 55
oC
-40 to +80
oC
Storage temperature
-40 to +100
oC
Max Case temperature
100
oC
Temperature coefficient
±0.02
% /
oC
Cooling
Free air convection
Humidity
95
% RH
Weight
100
g
Dimensions (L x W x H)
2.56 x 1.83 x 0.79 inches
65.0 x 46. 5 x 20.1 mm , ±0.5mm
MTBF
> 400 000hrs (MIL-HDBK -217F, t=+25
oC)
Case material
Plastic resin + Fiberglass (flammability to UL 94V-0)
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Environment Approval
Parameters
Conditions
Shock
Wave form: Half sine wave
Acceleration amplitude: 5gn
Bump duration: 30 ms
Number of bumps: 18 (3 in each direction for every axis)
Converter operation before and after test, body mounted (on chassis)
Vibrations
Test mode: Sweep sine
10-100Hz, speed 0.05Hz/s
Displacement: 1mm
Acceleration: 3g
3 loops 30min one cycle, 3h total, every axis tested
Converter operation before and after test, body mounted (on chassis)
Safety & EMC Specifications
Parameters
Agency approvals
cULus, CE, CB
Standards
Medical Electrical Equipment
IEC\EN\UL 60601-1, CSA-C22.2 No. 601.1-M90
Information technology Equipment
EN 60950-1:2006+A11:2009
EMI - Conducted and radiated emission
EN55011, class B
Harmonic Current Emissions
IEC/EN 61000-3-2, (EN60555-2)
Voltage fluctuations and flicker
IEC/EN 61000-3-3, (EN60555-3)
Electrostatic Discharge Immunity
IEC 61000-4-2
RF, Electromagnetic Field Immunity
IEC 61000-4-3
Electrical Fast Transient/Burst Immunity
IEC 61000-4-4
Surge Immunity
IEC 61000-4-5
RF, Conducted Disturbance Immunity
IEC 61000-4-6
Power frequency Magnetic Field Immunity
IEC 61000-4-8
Voltage dips, Short Interruptions Immunity
IEC 61000-4-11


Similar Part No. - AME15-3.3SMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME15-3.3SMAZ AIMTEC-AME15-3.3SMAZ Datasheet
156Kb / 4P
   15 Watt | AC-DC / DC-DC Converter
AME15-3.3SMAZ AIMTEC-AME15-3.3SMAZ Datasheet
298Kb / 4P
   15 Watt | AC-DC / DC-DC Converter
AME15-3.3SMAZ AIMTEC-AME15-3.3SMAZ Datasheet
298Kb / 4P
   15 Watt | AC-DC / DC-DC Converter
More results

Similar Description - AME15-3.3SMAZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SVM12SB ETC2-SVM12SB Datasheet
649Kb / 4P
   15 WATT AC-DC CONVERTER
logo
ETA-USA
VTM-WA ETA-USA-VTM-WA Datasheet
625Kb / 4P
   15 WATT AC-DC CONVERTER
SVM-SA ETA-USA-SVM-SA Datasheet
630Kb / 4P
   15 WATT AC-DC CONVERTER
logo
AIMTEC
AMEC15-MAZ AIMTEC-AMEC15-MAZ Datasheet
585Kb / 5P
   15 Watt | AC-DC Converter
logo
ETA-USA
MRM-SA ETA-USA-MRM-SA Datasheet
489Kb / 4P
   15 WATT AC-DC CONVERTER
BNME-SA ETA-USA-BNME-SA Datasheet
263Kb / 2P
   15 WATT AC-DC CONVERTER
BWM-SA ETA-USA-BWM-SA Datasheet
395Kb / 3P
   15 WATT AC-DC CONVERTER
SVM-SB ETA-USA-SVM-SB Datasheet
649Kb / 4P
   15 WATT AC-DC CONVERTER
ERM-00A ETA-USA-ERM-00A Datasheet
587Kb / 4P
   15 WATT AC/DC CONVERTER
logo
AIMTEC
AMES15-MAZ AIMTEC-AMES15-MAZ Datasheet
349Kb / 5P
   15 Watt | AC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com