Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM1SS-2412SZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM1SS-2412SZ
Description  1 Watt | DC-DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1SS-2412SZ Datasheet(HTML) 1 Page - AIMTEC

  AM1SS-2412SZ Datasheet HTML 1Page - AIMTEC AM1SS-2412SZ Datasheet HTML 2Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Series AM1SS-Z
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.A
1 of 2
North America only
FEATURES:
Models
Single output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current max
(mA)
Isolation
(VDC)
Efficiency
(%)
AM1SS-0505SZ
4.5-5.5
5
200
1000
74
AM1SS-0512SZ
4.5-5.5
12
83
1000
75
AM1SS-0515SZ
4.5-5.5
15
67
1000
75
AM1SS-1205SZ
10.8-13.2
5
200
1000
74
AM1SS-1212SZ
10.8-13.2
12
83
1000
75
AM1SS-1215SZ
10.8-13.2
15
67
1000
75
AM1SS-2405SZ
21.6-26.4
5
200
1000
74
AM1SS-2412SZ
21.6-26.4
12
83
1000
75
AM1SS-2415SZ
21.6-26.4
15
67
1000
76
AM1SS-0505SH30Z
4.5-5.5
5
200
3000
74
AM1SS-0512SH30Z
4.5-5.5
12
83
3000
75
AM1SS-0515SH30Z
4.5-5.5
15
67
3000
75
AM1SS-1205SH30Z
10.8-13.2
5
200
3000
74
AM1SS-1212SH30Z
10.8-13.2
12
83
3000
75
AM1SS-1215SH30Z
10.8-13.2
15
67
3000
75
AM1SS-2405SH30Z
21.6-26.4
5
200
3000
74
AM1SS-2412SH30Z
21.6-26.4
12
83
3000
75
AM1SS-2415SH30Z
21.6-26.4
15
67
3000
76
NOTE: All specifications are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated
output load unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
5
12
24
4.5-5.5
10.8-13.2
21.6-26.4
VDC
Filter
Capacitor
Turn on Transient process time
25
ms
Start up time
200
ms
Absolute Maximum Rating
5 Vin
12 Vin
24 Vin
0-7
0-15
0-28
VDC
Peak Input Voltage time
100
ms
Input reflected Ripple current
With 12µH
20
mA p-p
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1000 and 3000
VDC
Resistance
> 1000
MOhm
Capacitance
10
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±3
%
Short Circuit protection
Continuous
• RoHS compliant
• Operating temperature -40
oC to +85oC
• 4 Pin SIP Package
• Input / output isolation 1000 and 3000VDC
• Low ripple and noise
• Pin compatible with multiple manufacturers
• High efficiency up to 76%
• Continuous short circuit protection


Similar Part No. - AM1SS-2412SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1SS-2412SNZ AIMTEC-AM1SS-2412SNZ Datasheet
153Kb / 4P
   1 Watt | DC-DC Converter
More results

Similar Description - AM1SS-2412SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com