Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN031102-0311 Datasheet(PDF) 3 Page - Zilog, Inc.

Part # AN031102-0311
Description  Sensorless Brushless DC Motor Control with the Z16FMC MCU
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

AN031102-0311 Datasheet(HTML) 3 Page - Zilog, Inc.

  AN031102-0311 Datasheet HTML 1Page - Zilog, Inc. AN031102-0311 Datasheet HTML 2Page - Zilog, Inc. AN031102-0311 Datasheet HTML 3Page - Zilog, Inc. AN031102-0311 Datasheet HTML 4Page - Zilog, Inc. AN031102-0311 Datasheet HTML 5Page - Zilog, Inc. AN031102-0311 Datasheet HTML 6Page - Zilog, Inc. AN031102-0311 Datasheet HTML 7Page - Zilog, Inc. AN031102-0311 Datasheet HTML 8Page - Zilog, Inc. AN031102-0311 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
AN031102-0311
Page 3 of 26
Sensorless Brushless DC Motor Control with the Z16FMC MCU
Application Note
In each of the Z16FMC products, the novel device architecture allows for realization of a
number of enhanced control features:
Time Stamp for Speed Control
Integrated Operational Amplifier
Multi-Channel PWM Timer
Time Stamp for Speed Control
Most microcontrollers use at least one dedicated comparator to detect the zero crossing of
the input AC voltage signal so that the output driving pulses can be synchronized and
Figure 1. The Z16FMC MCU Architecture
WDT with
RC Oscillator
POR/VBO
& Reset Control
Internal Precision
Oscillator
ZNEO
20 MHz CPU
ADC 10-bit
12-Channel
Comparator
Operational
Amplifier
3 x Timer
I C
ESPI
2 x LIN-UART
with IrDA
DMA
Controller
Interrupt
Controller
Flash
Controller
RAM
Controller
AB
C
D
E
F
G
H
128 KB
4 KB
Multi-Channel
PWM Timers
2
Ports
8
8888114
Number of pins available


Similar Part No. - AN031102-0311

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
AN0332 SUTEX-AN0332 Datasheet
50Kb / 4P
   8 N-Channel Latchable Power MOSFET Array
AN0332CG SUTEX-AN0332CG Datasheet
50Kb / 4P
   8 N-Channel Latchable Power MOSFET Array
AN0332ND SUTEX-AN0332ND Datasheet
50Kb / 4P
   8 N-Channel Latchable Power MOSFET Array
logo
Zilog, Inc.
AN0366 ZILOG-AN0366 Datasheet
245Kb / 12P
   Porting RZK/ZTP Applications to the eZ80L925148MODG Module
logo
SIRENZA MICRODEVICES
AN03L SIRENZA-AN03L Datasheet
123Kb / 1P
   COUPLER Product Specification
More results

Similar Description - AN031102-0311

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN863 STMICROELECTRONICS-AN863 Datasheet
204Kb / 22P
   Improved sensorless control with the ST62 MCU for universal motor
logo
Sanyo Semicon Device
LB1674M SANYO-LB1674M Datasheet
111Kb / 6P
   Brushless, Sensorless Motor Driver?
logo
Holtek Semiconductor In...
HT66FM5242 HOLTEK-HT66FM5242 Datasheet
6Mb / 169P
   Brushless DC Motor Flash MCU
HT66FM5240 HOLTEK-HT66FM5240 Datasheet
6Mb / 190P
   Brushless DC Motor Flash MCU
HT45FM30 HOLTEK-HT45FM30 Datasheet
6Mb / 188P
   Brushless DC Motor Flash MCU
logo
Sanyo Semicon Device
LB1672NM SANYO-LB1672NM Datasheet
97Kb / 4P
   Brushless-Sensorless Motor Driver
LB1674V SANYO-LB1674V Datasheet
240Kb / 6P
   Brushless, Sensorless Motor Driver
logo
Sanken electric
SX68200M SANKEN-SX68200M Datasheet
1Mb / 69P
   Sinusoidal 3-phase Brushless Motor Drivers with Sensorless Vector Control
logo
Feeling Technology Corp...
FD036KT FEELING-FD036KT Datasheet
148Kb / 11P
   Sensorless 3-phase brushless DC Motor driver
logo
Zilog, Inc.
UM023402-0811 ZILOG-UM023402-0811 Datasheet
1Mb / 26P
   Z16FMC??Series Motor Control Development Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com