Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAN1325 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # PAN1325
Description  Dual-Mode ANT??and Wireless Bluetooth짰 ConnectivityPiDesign
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PAN1325 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  PAN1325 Datasheet HTML 1Page - Panasonic Semiconductor PAN1325 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dual-Mode ANTand Wireless Bluetooth® Connectivity
New
Product
Introduction
Copyright © 2011 Panasonic Corporation of North America.
All Rights Reserved. Specifications are subject to change without notice.
PAN1327NPI Rev. 1.1, FY10-052-XXX
www.panasonic.com/rfmodules
piccomponentsmarketing@us.panasonic.com
1-800-344-2112
Applications:
Parameter
Value
Condition / Notes
Receiver Sensitivity (BER=10-3)
-93 dBm
GFSK, Typical, Dirty TX On
Output Power
10 dBm
VDD_In = VBAT
Power Supply
1.7 - 4.8 V
Battery or DC/DC
Ultra Low Power Scan
135 uA
1.28s Interval
GFSK DH1\DH5
33 mA
Full Throughput
Operating Temperature Range
-20°C to + 70°C
-40°C to + 85°C Optional
Technical Specifications for PAN1327 and PAN1317:
Interfaces:
The PAN1327/PAN1317 Host Controlled Interface
supports several transport layers with the following
features:
UART Rates of up to 4Mbps
Three and Four Wire UART Transport
Block Diagram PAN1327:
Block Diagram PAN1317:
Sports and Fitness
Heart Rate Monitor
Blood Pressure Sensor
Blood Glucose Meter
Thermometer
Assisted Living
Flood Alarm
Heating Control
Automatic Key Control
Industrial Sensors
Toys
Entertainment Devices
Mobile Accessories
All Bluetooth Wireless
Applications
Series
Description
Compatibility
PAN1315
BT Classic
100% Pin
Compatible
PAN1317
Dual Mode BT and ANT
PAN1325
BT Classic with antenna
100% Pin
Compatible
PAN1327
Dual Mode BT and ANT with antenna
Bluetooth Module Pin Compatibility:
All Panasonic Bluetooth RF Modules are 100% pin compatible with the next
generation of Bluetooth Classic and Low Energy devices. This unique design
feature enables designers to seamlessly transition between Bluetooth Classic,
Low Energy and ANT enabled modules, addressing larger markets and providing
migration paths to circumvent obsolescence.
New
Product
Introduction


Similar Part No. - PAN1325

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PAN1325 PANASONIC-PAN1325 Datasheet
1Mb / 2P
   PAN1323ETU Triple Mode Simplifies the Development Environment
PAN1325 PANASONIC-PAN1325 Datasheet
947Kb / 2P
   BLUETOOTH짰 LOW ENERGY RF MODULES
PAN1325A PANASONIC-PAN1325A Datasheet
848Kb / 2P
   BLUETOOTH짰 RF MODULES
logo
Panasonic Battery Group
PAN1325A PANASONICBATTERY-PAN1325A Datasheet
1Mb / 4P
   A Comprehensive Guide to Choosing the Right RF Module
More results

Similar Description - PAN1325

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2567-PAN1317 TI1-CC2567-PAN1317 Datasheet
34Kb / 2P
[Old version datasheet]   ANT Bluetooth짰 Single-Chip, Dual-Mode Module
CC2564 TI-CC2564_15 Datasheet
916Kb / 47P
[Old version datasheet]   Bluetooth짰 and Dual-Mode Controller
logo
Microchip Technology
IS1678 MICROCHIP-IS1678 Datasheet
2Mb / 54P
   Bluetooth짰 Dual-Mode SoC
2016
logo
Texas Instruments
CC2560 TI-CC2560 Datasheet
110Kb / 2P
[Old version datasheet]   Bluetooth짰 Wireless Kit
logo
Microchip Technology
BM78 MICROCHIP-BM78 Datasheet
2Mb / 60P
   Bluetooth짰 4.2 Dual-Mode Module
07/14/15
logo
Mitsumi Electronics, Co...
DWM-W317B1 MITSUMI-DWM-W317B1 Datasheet
64Kb / 2P
   Wireless LANBluetooth짰 Module
logo
Texas Instruments
CC2564-PAN1326 TI1-CC2564-PAN1326 Datasheet
27Kb / 2P
[Old version datasheet]   Dual Mode Bluetooth짰 Smart Ready
logo
Taiyo Yuden (U.S.A.), I...
WYSEGVDXG TAIYO-YUDEN-WYSEGVDXG Datasheet
930Kb / 35P
   Wireless LAN Bluetooth짰 Module IEEE802.11ac (1x1) Bluetooth짰 4.2 WYSEGVDXG
27-Sep.2019 Ver.1.2
logo
STMicroelectronics
BLUENRG-LP STMICROELECTRONICS-BLUENRG-LP Datasheet
4Mb / 72P
   Programmable Bluetooth짰 Low Energy wireless SoC
Rev 2 - September 2020
logo
Texas Instruments
DK-EM2-2560B TI1-DK-EM2-2560B Datasheet
361Kb / 10P
[Old version datasheet]   Stellaris짰 2.4 GHz CC2560 Bluetooth짰 Wireless Kit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com