Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR1045 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SR1045
Description  10 Amp Schottky Barrier Rectifier 45 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SR1045 Datasheet(HTML) 2 Page - Micro Commercial Components

  SR1045 Datasheet HTML 1Page - Micro Commercial Components SR1045 Datasheet HTML 2Page - Micro Commercial Components SR1045 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SR1045
MC C
12
10
8
6
4
2
0
100
100
10
10
1
0.01
0.1
1000
100
10
0.1
1
360
300
240
180
120
60
0
1
2
5
10
20
50
100
0
20
50
75
100
125
150
175
TJ=100℃
TJ=50℃
TJ=25℃
0.1
1
4
10
100
0.2 0.3
0.4 0.5 0.6
0.7
0.8 0.9 1.0 1.2
8.3Single Half-Sine-Wave
(JEDEC METOD)
TJ=25℃ ,f=1MHZ
TJ=25℃
PULSE WIDTH 300US
2%DUTY CYCLE
NUMBER OF CYCLES AT 60Hz
20
50
75
100
125
150
175
CASE TEMPERATURE ℃
PERCENT OF RATED PEAK REVERSE VOLTAGE(%)
REVERSE VOLTAGE VOLTS
INSTANTANEOUS FORWARD VOLTAGE
FIG.4-TYPICAL FORWARD CHARACTERISTICS
FIG.3-TYPICAL REVERSE CHARACTERISTICS
FIG.5-TYPICAL JUNCTION CAPACITANCE
FIG.2-MAXIMUM NON-REPETITVE SURGE
FIG.1-FORWARD CURRENT DERATING CURVE
Micro Commercial Components
TM
www.mccsemi.com
2 of 3
Revision: A
2011/01/01


Similar Part No. - SR1045

ManufacturerPart #DatasheetDescription
logo
Bytes
SR1045 BYTES-SR1045 Datasheet
161Kb / 2P
   10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Microdiode Electronics ...
SR1045 CHENDA-SR1045 Datasheet
125Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SR1045 DGNJDZ-SR1045 Datasheet
480Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS 10.0A
logo
Formosa MS
SR1045 FORMOSA-SR1045 Datasheet
38Kb / 2P
   10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Shunye Electro...
SR1045 SHUNYE-SR1045 Datasheet
235Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR1045

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR1045ULPS MCC-MBR1045ULPS Datasheet
259Kb / 3P
   10 Amp Schottky Barrier Rectifier 45 Volts
SR1045 MCC-SR1045_13 Datasheet
202Kb / 3P
   10 Amp Schottky Barrier Rectifier 45 Volts
SR1045 MCC-SR1045 Datasheet
317Kb / 3P
   10 Amp Schottky Barrier Rectifier 45 Volts
MBRD1045C MCC-MBRD1045C Datasheet
434Kb / 2P
   10 Amp Schottky Barrier Rectifier 45 Volts
logo
Solid States Devices, I...
SED10HB45 SSDI-SED10HB45 Datasheet
42Kb / 2P
   10 AMP 45 VOLTS SCHOTTKY RECTIFIER
logo
Microsemi Corporation
PPR1510E MICROSEMI-PPR1510E Datasheet
169Kb / 2P
   45 VOLTS, 10 AMP SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
SK1045-L MCC-SK1045-L Datasheet
168Kb / 2P
   10 Amp Schottky Rectifier 45 Volts
logo
Solid States Devices, I...
SSR1645-5 SSDI-SSR1645-5 Datasheet
198Kb / 2P
   10 AMP 45 VOLTS SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBRB1030CT MCC-MBRB1030CT Datasheet
90Kb / 2P
   10 Amp Schottky Barrier Rectifier 30 to 45 Volts
MBR10U45L MCC-MBR10U45L_16 Datasheet
345Kb / 3P
   10 Amp Low VF Schottky Barrier Rectifier 45 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com