Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR1045 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # SR1045
Description  10 Amp Schottky Barrier Rectifier 45 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SR1045 Datasheet(HTML) 3 Page - Micro Commercial Components

  SR1045_11 Datasheet HTML 1Page - Micro Commercial Components SR1045_11 Datasheet HTML 2Page - Micro Commercial Components SR1045_11 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
3 of 3
1
Part Number-TP
Tape&Reel: 500pcs/Reel
Part Number-AP
Ammo Packing: 450pcs/Ammo Box
Part Number-BP
Bulk: 4.8Kpcs/Carton
***IMPORTANT NOTICE***
Micro Commercial Components Corp. reserves the right to make changes without further notice to any product herein to
make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components
Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it
convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all
risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are
represented on our website, harmless against all damages.
***LIFE SUPPORT***
MCC's products are not authorized for use as critical components in life support devices or systems without the express written
approval of Micro Commercial Components Corporation.
***CUSTOMER AWARENESS***
Counterfeiting of semiconductor parts is a growing problem in the industry. Micro Commercial Components (MCC) is taking
strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. MCC strongly encourages
customers to purchase MCC parts either directly from MCC or from Authorized MCC Distributors who are listed by country on
our web page cited
below. Products customers buy either from MCC directly or from Authorized MCC Distributors are genuine
parts, have full traceability, meet MCC's quality standards for handling and storage. MCC will not provide any warranty
coverage or other assistance for parts bought from Unauthorized Sources. MCC is committed to combat this global
problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized
distributors.
Ordering Information :


Similar Part No. - SR1045_11

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SR1045 SECOS-SR1045_11 Datasheet
258Kb / 2P
   Voltage 45 V 10.0 Amp Schottky Barrier Rectifiers
More results

Similar Description - SR1045_11

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR1045ULPS MCC-MBR1045ULPS Datasheet
259Kb / 3P
   10 Amp Schottky Barrier Rectifier 45 Volts
SR1045 MCC-SR1045_13 Datasheet
202Kb / 3P
   10 Amp Schottky Barrier Rectifier 45 Volts
SR1045 MCC-SR1045 Datasheet
317Kb / 3P
   10 Amp Schottky Barrier Rectifier 45 Volts
MBRD1045C MCC-MBRD1045C Datasheet
434Kb / 2P
   10 Amp Schottky Barrier Rectifier 45 Volts
logo
Solid States Devices, I...
SED10HB45 SSDI-SED10HB45 Datasheet
42Kb / 2P
   10 AMP 45 VOLTS SCHOTTKY RECTIFIER
logo
Microsemi Corporation
PPR1510E MICROSEMI-PPR1510E Datasheet
169Kb / 2P
   45 VOLTS, 10 AMP SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
SK1045-L MCC-SK1045-L Datasheet
168Kb / 2P
   10 Amp Schottky Rectifier 45 Volts
logo
Solid States Devices, I...
SSR1645-5 SSDI-SSR1645-5 Datasheet
198Kb / 2P
   10 AMP 45 VOLTS SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBRB1030CT MCC-MBRB1030CT Datasheet
90Kb / 2P
   10 Amp Schottky Barrier Rectifier 30 to 45 Volts
MBR10U45L MCC-MBR10U45L_16 Datasheet
345Kb / 3P
   10 Amp Low VF Schottky Barrier Rectifier 45 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com