Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLN-40H-12 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # HLN-40H-12
Description  40W Single Output Switching Power Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HLN-40H-12 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  HLN-40H-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HLN-40H-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HLN-40H-12 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HLN-40H-12 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HLN-40H-12 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MechanicalSpecification
IP64rated.Outputvoltageandconstantcurrentlevelcanbeadjustedthroughinternal
(canaccessbyremovingtherubberstopperonthecase).
potentiometer.
+V(Red)
DIM+(Blue)
-V(Black)
DIM-(White)
300 20
300 20
300 20
300 20
SVT 18AWG 2C
SVT 18AWG 4C
SVT 18AWG 3C
SVT 18AWG 3C
+V(Red)
-V(Black)
161
161
6.26
6.26
2-R2.5
2-R2.5
6.26
6.26
FG(Green/Yellow)
FG(Green/Yellow)
AC/L(Brown)
AC/L(Brown)
AC/N(Blue)
AC/N(Blue)
T case:Max.Case Temperature.
T case:Max.Case Temperature.
T
case
T
case
35
35
fosc:100KHz
BlockDiagram
BType:(HLN-40H-_B)
CaseNo.HLN-60A
Unit:mm
DIM+
(B Type)
DIM-
DETECTION
PWM&PFC
CIRCUIT
O.L.P.
O.T.P.
EMIFILTER
RECTIFIERS
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
CONTROL
O.V.P.
&
O.L.P.
PFC
CIRCUIT
40WSingleOutputSwitchingPowerSupply
H L N - 4 0 H series
A Type:(HLN-40H-_A)
FileName:HLN-40H-SPEC 2011-10-18


Similar Part No. - HLN-40H-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLN-40H-12 MEANWELL-HLN-40H-12 Datasheet
339Kb / 5P
   40W Single Output Switching Power Supply
HLN-40H-12 MEANWELL-HLN-40H-12 Datasheet
344Kb / 5P
   40W Single Output Switching Power Supply
More results

Similar Description - HLN-40H-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NPF-40D MEANWELL-NPF-40D Datasheet
147Kb / 6P
   40W Single Output Switching Power Supply
LPF-40 MEANWELL-LPF-40 Datasheet
190Kb / 3P
   40W Single Output Switching Power Supply
HLG-40H MEANWELL-HLG-40H_12 Datasheet
408Kb / 6P
   40W Single Output Switching Power Supply
LPF-40D MEANWELL-LPF-40D Datasheet
220Kb / 4P
   40W Single Output Switching Power Supply
S-40 MEANWELL-S-40_10 Datasheet
409Kb / 2P
   40W Single Output Switching Power Supply
HLP-40H MEANWELL-HLP-40H_12 Datasheet
351Kb / 4P
   40W Single Output Switching Power Supply
HLN-40H MEANWELL-HLN-40H Datasheet
339Kb / 5P
   40W Single Output Switching Power Supply
HLG-40H_1108 MEANWELL-HLG-40H_1108 Datasheet
378Kb / 6P
   40W Single Output Switching Power Supply
HLG-40H_1209 MEANWELL-HLG-40H_1209 Datasheet
290Kb / 6P
   40W Single Output Switching Power Supply
LPF-40D MEANWELL-LPF-40D_12 Datasheet
248Kb / 4P
   40W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com