Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLG-60H-48 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # HLG-60H-48
Description  60W Single Output Switching Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HLG-60H-48 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  HLG-60H-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HLG-60H-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HLG-60H-48 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HLG-60H-48 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HLG-60H-48 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. HLG-60H-48 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DeratingCurve
StaticCharacteristics
INPUTVOLTAGE(V)60Hz
90
100
125
135
145
155 165
175
180
200
230
305
100
90
80
70
60
50
40
Fosc:100KHz
BlockDiagram
230VAC
Inputonly
AMBIENTTEMPERATURE( )
-40
-25
0
-10
15
30
50
60
70
20
40
60
80
100
(HORIZONTAL)
DIM+
(B Type)
DIM-
DETECTION
PWM&PFC
CIRCUIT
O.L.P.
O.T.P.
EMIFILTER
RECTIFIERS
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
CONTROL
O.V.P.
&
O.L.P.
PFC
CIRCUIT
IP67rated. Timerdimmingfunction,contactMEANWELL fordetails.
DType(option):(HLG-60H-_D)
300 20
FG(Green/Yellow)
SVT 18AWG 2C
SJTW18AWG 3C
AC/L(Brown)
AC/N(Blue)
4.2 4PL
300 20
-V(Black)
+V(Red)
9.6
11.9
147.2
171
73.6
T case:Max.Case Temperature.
T case
60WSingleOutputSwitchingPowerSupply
H L G - 6 0 H series
FileName:HLG-60H-SPEC 2011-08-31


Similar Part No. - HLG-60H-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-60H-48 MEANWELL-HLG-60H-48 Datasheet
417Kb / 7P
   60W Single Output Switching Power Supply
HLG-60H-48 MEANWELL-HLG-60H-48 Datasheet
403Kb / 6P
   60W Single Output Switching Power Supply
HLG-60H-48A MEANWELL-HLG-60H-48A Datasheet
403Kb / 6P
   60W Single Output Switching Power Supply
HLG-60H-48B MEANWELL-HLG-60H-48B Datasheet
403Kb / 6P
   60W Single Output Switching Power Supply
More results

Similar Description - HLG-60H-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NPF-60D MEANWELL-NPF-60D Datasheet
147Kb / 6P
   60W Single Output Switching Power Supply
CLG-60 MEANWELL-CLG-60 Datasheet
212Kb / 2P
   60W Single Output Switching Power Supply
logo
RSG Electronic Componen...
S-60 RSG-S-60 Datasheet
166Kb / 2P
   60W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-60 MEANWELL-S-60_10 Datasheet
415Kb / 2P
   60W Single Output Switching Power Supply
LPF-60 MEANWELL-LPF-60 Datasheet
143Kb / 3P
   60W Single Output Switching Power Supply
HLP-60H MEANWELL-HLP-60H_12 Datasheet
348Kb / 4P
   60W Single Output Switching Power Supply
HLG-60H MEANWELL-HLG-60H_12 Datasheet
403Kb / 6P
   60W Single Output Switching Power Supply
HLN-60H_1110 MEANWELL-HLN-60H_1110 Datasheet
375Kb / 5P
   60W Single Output Switching Power Supply
LPV-60 MEANWELL-LPV-60_12 Datasheet
143Kb / 2P
   60W Single Output Switching Power Supply
LPC-60 MEANWELL-LPC-60_11 Datasheet
136Kb / 2P
   60W Single Output Switching Power Supply
LPC-60 MEANWELL-LPC-60_12 Datasheet
136Kb / 2P
   60W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com