Part Name
         Description
HLG-320H_1109

 320W Single Output Switching Power Supply ( 7 Page)


MEANWELL
100% 
Zoom Out Zoom In
   
 3 page
background image
ACInput TerminalPinNo. Assignment
DCOutput TerminalPinNo. Assignment
PinNo.
PinNo.
1
1
3
2
2
Assignment
Assignment
AC/L
-V
+V
AC/N
FG
FG(Green/Yellow)
AC/L(Brown)
AC/N(Blue)
112.6
T case
T case:Max.Case Temperature.
T case:Max.Case Temperature.
320WSingleOutputSwitchingPowerSupply
H L G - 3 2 0 H series
CType:(HLG-320H-_C)
Outputvoltageandconstantcurrentlevelcanbeadjustedthroughinternal
(Canaccessbyremovingtherubberstopperonthecase.)
potentiometer.
BType:(HLG-320H-_B)
FileName:HLG-320H-SPEC 2011-09-13
-V(Black)
+V(Red)
DIM-(White)
DIM+(Blue)
SJTW18AWG 3C
300 20
13.4
8.9
225.2
252
SJTW18AWG) 2C
SJTW14AWG 2C
300 20
4.5 4PL
4.5 4PL
15.4
225.2
256
8
I/P
1
2
3
1
2
O/P
Io
ADJ.
Vo
ADJ.
112.6
T case



Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl