Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK1045 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # SK1045
Description  10 Amp Schottky Rectifier 20 to 100 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SK1045 Datasheet(HTML) 3 Page - Micro Commercial Components

  SK1045 Datasheet HTML 1Page - Micro Commercial Components SK1045 Datasheet HTML 2Page - Micro Commercial Components SK1045 Datasheet HTML 3Page - Micro Commercial Components SK1045 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SK102 thru SK1010
mAmps
1
100
4
0
100
200
300
8
Figure 5
Peak Forward Surge Current
Peak Forward Surge Current - Amperes versus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10 20
60 80
40
400
500
600
MCC
SK102-SK1045
SK105-SK1010
Figure 4
Typical Reverse Characteristics
Instantaneous Reverse Leakage Current - MicroAmperes versus
Percent Of Rated Peak Reverse Voltage - Volts
Volts
.4
.6
2
1
mAmps
20
120
40
60
80
100
.001
.002
.004
.006
.01
.02
.04
.06
.1
.2
4
6
10
140
75
°C
2
5
°C
100
°C
TM
Micro Commercial Components
www.mccsemi.com
3 of 4
Revision:
A
20
11/01/01


Similar Part No. - SK1045

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK1045 MCC-SK1045 Datasheet
80Kb / 3P
   10 Amp Schottky Rectifier 20 to 100 Volts
logo
CHENG-YI ELECTRONIC CO....
SK1045 CHENG-YI-SK1045 Datasheet
141Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SK1045 MCC-SK1045 Datasheet
299Kb / 4P
   Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information)
logo
Microdiode Electronics ...
SK1045 CHENDA-SK1045 Datasheet
155Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Thinki Semiconductor Co...
SK1045 THINKISEMI-SK1045 Datasheet
517Kb / 2P
   10 Ampere Surface Mount Type Schottky Barrier Rectifier Diodes
More results

Similar Description - SK1045

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK102 MCC-SK102 Datasheet
80Kb / 3P
   10 Amp Schottky Rectifier 20 to 100 Volts
SK102 MCC-SK102_13 Datasheet
371Kb / 4P
   10 Amp Schottky Rectifier 20 to 100 Volts
SK1010-TP MCC-SK1010-TP Datasheet
299Kb / 4P
   10 Amp Schottky Rectifier 20 to 100 Volts
MBR1020FCT MCC-MBR1020FCT_10 Datasheet
259Kb / 3P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBRF1040CT KERSEMI-MBRF1040CT Datasheet
993Kb / 2P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR10100FCT KERSEMI-MBR10100FCT Datasheet
1Mb / 2P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
SBL1020 MCC-SBL1020 Datasheet
391Kb / 2P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF1020 MCC-MBRF1020 Datasheet
99Kb / 2P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1020 MCC-MBR1020 Datasheet
141Kb / 2P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR1020FCT MCC-MBR1020FCT_13 Datasheet
210Kb / 3P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com