Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK68 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # SK68
Description  6 Amp Schottky Rectifier 20 to 100 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SK68 Datasheet(HTML) 3 Page - Micro Commercial Components

  SK68 Datasheet HTML 1Page - Micro Commercial Components SK68 Datasheet HTML 2Page - Micro Commercial Components SK68 Datasheet HTML 3Page - Micro Commercial Components SK68 Datasheet HTML 4Page - Micro Commercial Components SK68 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Average Forward Rectified Current - Amperes versus
Lead Temperature -
°C
Figure 2
Forward Derating Curve
60
80
120
140
160
180
0
1
2
3
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
100
4
5
6
Figure 3
Junction Capacitance
.1
.2
1
.4
2
10
20
40
4
100 200
10
20
60
100
200
100
0
pF
Volts
600
400
40
400
1000
TJ=25°C
Figure 1
Typical Forward Characteristics
Instantaneous Forward Current - Amperes versus
Instantaneous Forward Voltage - Volts
Volts
40
60
200
100
Amps
.2
1.2
.4
.6
.8
1.0
.1
.2
.4
.6
1
2
4
6
10
20
25
°C
400
600
1000
1.4
SK62 -SK645
SK65-SK610
MCC
SK62 thru SK610
Junction Capacitance - pF versus
Reverse Voltage - Volts
TM
Micro Commercial Components
www.mccsemi.com
2 of 4
Revision: 5
2008/02/01


Similar Part No. - SK68

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK68 MCC-SK68 Datasheet
412Kb / 3P
   6 Amp Schottky Rectifier 20 to 100 Volts
logo
List of Unclassifed Man...
SK6812 ETC1-SK6812 Datasheet
446Kb / 7P
   Full color LED string light, LED full color module
SK6812MINI-012 ETC-SK6812MINI-012 Datasheet
863Kb / 13P
   3.5x3.7x1.1 mm 0.2W Intelligent external control surface mount SMD Black LED (MSL:5a)
A/0
SK6812MINI-E ETC-SK6812MINI-E Datasheet
863Kb / 13P
   3.5x3.7x1.1 mm 0.2W Intelligent external control surface mount SMD Black LED (MSL:5a)
A/0
SK6812RGBW ETC1-SK6812RGBW Datasheet
1Mb / 15P
   INTEGRATED LIGHT SOURCE INTELLIGENT CONTROL OF CHIP-ON-TOP SMD TYPE LED
More results

Similar Description - SK68

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK62L MCC-SK62L_11 Datasheet
914Kb / 4P
   6 Amp Schottky Rectifier 20 to 100 Volts
SK62L MCC-SK62L Datasheet
692Kb / 3P
   6 Amp Schottky Rectifier 20 to 100 Volts
SK62 MCC-SK62 Datasheet
412Kb / 3P
   6 Amp Schottky Rectifier 20 to 100 Volts
SK62L MCC-SK62L_14 Datasheet
954Kb / 4P
   6 Amp Schottky Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR2020FCT KERSEMI-MBR2020FCT Datasheet
1Mb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030 KERSEMI-MBR2030 Datasheet
820Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF20100 KERSEMI-MBRF20100 Datasheet
632Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2060 KERSEMI-MBR2060 Datasheet
459Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030CT KERSEMI-MBR2030CT Datasheet
787Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
MBR20100CT-BP MCC-MBR20100CT-BP Datasheet
279Kb / 3P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com