Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK62L Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SK62L
Description  6 Amp Schottky Rectifier 20 to 100 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SK62L Datasheet(HTML) 1 Page - Micro Commercial Components

  SK62L_11 Datasheet HTML 1Page - Micro Commercial Components SK62L_11 Datasheet HTML 2Page - Micro Commercial Components SK62L_11 Datasheet HTML 3Page - Micro Commercial Components SK62L_11 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SK62L
THRU
SK610L
6 Amp Schottky
Rectifier
20 to 100 Volts
Features
For Surface Mount Applications
Easy Pick And Place
High Current Capability With Low Forward Voltage
High Temp Soldering: 2
60
°C for 10 Seconds At Terminals
Maximum Ratings
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
Maximum Thermal Resistance; 18
°C/W Junction To Lead
MCC
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SK62L
SK62
20V
14V
20V
SK63L
SK63
30V
21V
30V
SK64L
SK64
40V
28V
40V
SK645L
SK645
45V
31.5V
45V
SK65L
SK65
50V
35V
50V
SK66L
SK66
60V
42V
60V
SK68L
SK68
80V
56V
80V
SK610L
SK610
100V
70V
100V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
6.0A
TJ = 120
°C
Peak Forward Surge
Current
IFSM
150A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
SK62
L-645L
SK65
L-610L
VF
.65V
.85V
IFM = 6.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
1.0mA
20mA
TJ = 25
°C
TJ = 100
°C
Typical Junction
Capacitance
CJ
200pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 200
µsec, Duty cycle 2%
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
MCC
0.070”
0.190"
0.125”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.079
.103
2.00
2.62
B
.108
.128
2.75
3.25
C
.002
.008
0.051
0.203
D
.006
.012
0.152
0.305
E
.030
.050
0.76
1.27
F
..305
.320
7.75
8.13
G
.260
.280
6.60
7.11
H
.220
.245
5.59
6.22
G
H
E
D
F
A
B
C
DO-214AB
(SMC) (
LEAD FRAME)
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
Revision:
A
20
11/01/01
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1


Similar Part No. - SK62L_11

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK62L MCC-SK62L_14 Datasheet
954Kb / 4P
   6 Amp Schottky Rectifier 20 to 100 Volts
More results

Similar Description - SK62L_11

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK62L MCC-SK62L Datasheet
692Kb / 3P
   6 Amp Schottky Rectifier 20 to 100 Volts
SK62 MCC-SK62_08 Datasheet
607Kb / 5P
   6 Amp Schottky Rectifier 20 to 100 Volts
SK62 MCC-SK62 Datasheet
412Kb / 3P
   6 Amp Schottky Rectifier 20 to 100 Volts
SK62L MCC-SK62L_14 Datasheet
954Kb / 4P
   6 Amp Schottky Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR2020FCT KERSEMI-MBR2020FCT Datasheet
1Mb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030 KERSEMI-MBR2030 Datasheet
820Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF20100 KERSEMI-MBRF20100 Datasheet
632Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2060 KERSEMI-MBR2060 Datasheet
459Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030CT KERSEMI-MBR2030CT Datasheet
787Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
MBR20100CT-BP MCC-MBR20100CT-BP Datasheet
279Kb / 3P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com