Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK33A Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SK33A
Description  3 Amp Schottky Rectifier 20 to 100 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SK33A Datasheet(HTML) 1 Page - Micro Commercial Components

  SK33A Datasheet HTML 1Page - Micro Commercial Components SK33A Datasheet HTML 2Page - Micro Commercial Components SK33A Datasheet HTML 3Page - Micro Commercial Components SK33A Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SK32A
THRU
SK310A
3 Amp Schottky
Rectifier
20 to 100 Volts
Features
Same Electrical Characteristics As The SMC Version
Very Low Cost
Can Be Up To 50% Smaller Than The SMC To Save Precious
Board Space
High Current Capability With Low Forward Voltage
For Surface Mount Applications
Maximum Ratings
Operating Temperature: -50
°C to +125°C
Storage Temperature: -50
°C to +150°C
Maximum Thermal Resistance; 10
°C/W Junction To Lead
MCC
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SK32A
SK32A
20V
14V
20V
SK33A
SK33A
30V
21V
30V
SK34A
SK34A
40V
28V
40V
SK35A
SK35A
50V
35V
50V
SK36A
SK36A
60V
42V
60V
SK38A
SK38A
80V
56V
80V
SK310A
SK310A
100V
70V
100V
DO-214AC
(
HSMA) (High Profile)
H
J
E
F
G
A
B
D
C
Cathode Band
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
3.0A
TL = 100
°C
Peak Forward Surge
Current
IFSM
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
.5mA
20mA
TJ = 25
°C
TJ = 100
°C
Typical Junction
Capacitance
CJ
45pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 200
µsec, Duty cycle 2%
Maximum
Instantaneous
Forward Voltage
SK32A-34A
SK35A-36A
SK38A-310A
VF
.50V
.75V
.85V
IFM = 3.0A;
TJ = 25
°C*
0.070”
0.090”
0.085”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.078
.116
1.98
2.95
B
.067
.089
1.70
2.25
C
.002
.008
.05
.20
D
---
.02
---
.51
E
.035
.055
.89
1.40
F
.065
.096
1.65
2.45
G
.205
.224
5.21
5.69
H
.160
.180
4.06
4.57
J
.100
.112
2.57
2.84
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
A
20
11/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
80A
8.3ms, half sine
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1


Similar Part No. - SK33A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK33A MCC-SK33A Datasheet
620Kb / 3P
   3 Amp Schottky Rectifier 20 to 100 Volts
logo
Microsemi Corporation
SK33A MICROSEMI-SK33A Datasheet
272Kb / 4P
   Same Electrical Characteristics As The SMC Version
logo
Taiwan Semiconductor Co...
SK33A TSC-SK33A Datasheet
130Kb / 2P
   3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Sangdest Microelectroni...
SK33A SMC-SK33A Datasheet
194Kb / 6P
   SCHOTTKY RECTIFIER
logo
GOOD-ARK Electronics
SK33A GOOD-ARK-SK33A Datasheet
151Kb / 2P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 3.0 Amperes
More results

Similar Description - SK33A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK32 MCC-SK32 Datasheet
899Kb / 3P
   3 Amp Schottky Rectifier 20 to 100 Volts
SK32 MCC-SK32_11 Datasheet
302Kb / 4P
   3 Amp Schottky Rectifier 20 to 100 Volts
SK32B MCC-SK32B_11 Datasheet
275Kb / 4P
   3 Amp Schottky Rectifier 20 to 100 Volts
SK32B-L MCC-SK32B-L Datasheet
245Kb / 4P
   3 Amp Schottky Rectifier 20 to 100 Volts
logo
Shanghai Leiditech Elec...
SK32 LEIDITECH-SK32 Datasheet
681Kb / 4P
   3 Amp Schottky Rectifier 20 to 100 Volts
logo
Tiger Electronic Co.,Lt...
SK32 TGS-SK32 Datasheet
595Kb / 4P
   3 Amp Schottky Rectifier 20 to 100 Volts
logo
Micro Commercial Compon...
SK38A-LTP MCC-SK38A-LTP Datasheet
179Kb / 4P
   3 Amp Schottky Rectifier 20 to 100 Volts
SK32B MCC-SK32B_13 Datasheet
209Kb / 4P
   3 Amp Schottky Rectifier 20 to 100 Volts
SK32AFL MCC-SK32AFL_17 Datasheet
297Kb / 4P
   3 Amp Schottky Rectifier 20 to 100 Volts
logo
Shanghai Leiditech Elec...
SK32B-L LEIDITECH-SK32B-L Datasheet
638Kb / 3P
   3 Amp Schottky Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com