Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LZ9GG32M Datasheet(PDF) 10 Page - Sharp Corporation

Part # LZ9GG32M
Description  Drive IC(190K/220K pixels single voltage B/W CCD)
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LZ9GG32M Datasheet(HTML) 10 Page - Sharp Corporation

Back Button LZ9GG32M Datasheet HTML 6Page - Sharp Corporation LZ9GG32M Datasheet HTML 7Page - Sharp Corporation LZ9GG32M Datasheet HTML 8Page - Sharp Corporation LZ9GG32M Datasheet HTML 9Page - Sharp Corporation LZ9GG32M Datasheet HTML 10Page - Sharp Corporation LZ9GG32M Datasheet HTML 11Page - Sharp Corporation LZ9GG32M Datasheet HTML 12Page - Sharp Corporation LZ9GG32M Datasheet HTML 13Page - Sharp Corporation LZ9GG32M Datasheet HTML 14Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image


Similar Part No. - LZ9GG32M

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ9GG33 SHARP-LZ9GG33 Datasheet
2Mb / 58P
   Single Chip Drive IC(270K/320K pixel B/W CCD)
LZ9GG33M SHARP-LZ9GG33M Datasheet
2Mb / 58P
   Single Chip Drive IC(270K/320K pixel B/W CCD)
More results

Similar Description - LZ9GG32M

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ9GG33M SHARP-LZ9GG33M Datasheet
2Mb / 58P
   Single Chip Drive IC(270K/320K pixel B/W CCD)
LZ244D SHARP-LZ244D Datasheet
349Kb / 9P
   Low-Voltage(5V/12V) Operation1/4-type Color CCD Area Sensor with 220k Spuare Pixels
logo
Renesas Technology Corp
PD8875 RENESAS-PD8875_15 Datasheet
509Kb / 30P
   (54005400) PIXELS 횞 3 COLOR (54005400) PIXELS B&W CCD LINEAR IMAGE SENSOR
logo
Samsung semiconductor
KA7305 SAMSUNG-KA7305 Datasheet
123Kb / 9P
   B/W CCD PROCESSOR
S1C7309X01 SAMSUNG-S1C7309X01 Datasheet
621Kb / 25P
   B/W CCD PROCESSOR
logo
ADTech
ADT7200 ADTECH-ADT7200 Datasheet
242Kb / 6P
   Multi-CH Power Supply IC for B/W CCD Camera
logo
Sharp Corporation
IR3Y30M SHARP-IR3Y30M Datasheet
188Kb / 22P
   CCD Signal Processors for B/W CCD Cameras
logo
A1 PROs co., Ltd.
AI2410 A1PROS-AI2410 Datasheet
639Kb / 27P
   Signal Processor for Single-Chip CCD B/W Camera
logo
Sony Corporation
XCST50 SONY-XCST50 Datasheet
579Kb / 31P
   CCD B/W VIDEO CAMERA MODULE
CXD3152R SONY-CXD3152R Datasheet
322Kb / 45P
   Signal Processor LSI for Single-chip CCD B/W Camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com